| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
AFGHL75T65SQDT
|
260Kb / 9P |
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0 |
|
AFGHL75T65SQD
|
340Kb / 9P |
Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0 |
|
AFGHL75T65SQDC
|
261Kb / 10P |
Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0 |
|
FGAF40S65AQ
|
491Kb / 10P |
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3 |
|
FGH75T65SHD
|
1Mb / 9P |
IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4 |
|
FGH75T65SHDT
|
2Mb / 9P |
IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4 |
|
FGH75T65SHDTLN4
|
465Kb / 9P |
IGBT - Field Stop, Trench IGBT - Field Stop, Trench
November, 2019 ??Rev. P2 |
|
FGH75T65SQD
|
532Kb / 10P |
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5 |
|
FGY75T95LQDT
|
665Kb / 10P |
IGBT - Field Stop, Trench 75 A, 950 V
May, 2020 ??Rev. P1 |
|
FGH75T65SHDTL4
|
575Kb / 9P |
IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2 |