Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFGHL75T65SQDT Datasheet (PDF) - ON Semiconductor

AFGHL75T65SQDT Datasheet PDF - ON Semiconductor
Part # AFGHL75T65SQDT
Download  AFGHL75T65SQDT Download
File Size   260.9 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 650 V, 75 A

AFGHL75T65SQDT Datasheet (PDF)

Go To PDF Page Download Datasheet
AFGHL75T65SQDT Datasheet PDF - ON Semiconductor

Part # AFGHL75T65SQDT
Download  AFGHL75T65SQDT Click to download

File Size   260.9 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Field Stop Trench IGBT 650 V, 75 A

AFGHL75T65SQDT Datasheet (HTML) - ON Semiconductor




Similar Part No. - AFGHL75T65SQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
417Kb / 10P
IGBT – Hybrid, Field Stop, Trench 650 V, 75 A, TO247
January, 2021 - Rev. 1
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC_V01 Datasheet
417Kb / 10P
IGBT – Hybrid, Field Stop, Trench 650 V, 75 A, TO247
January, 2021 - Rev. 1
More results


Similar Description - AFGHL75T65SQDT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH40T65SPD ONSEMI-FGH40T65SPD Datasheet
585Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SHDTL4 ONSEMI-FGH75T65SHDTL4 Datasheet
575Kb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com