Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFGHL75T65SQDC Datasheet (PDF) - ON Semiconductor

AFGHL75T65SQDC Datasheet PDF - ON Semiconductor
Part # AFGHL75T65SQDC
Download  AFGHL75T65SQDC Download
File Size   417.84 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBTHybrid, Field Stop, Trench 650 V, 75 A, TO247

AFGHL75T65SQDC Datasheet (PDF)

Go To PDF Page Download Datasheet
AFGHL75T65SQDC Datasheet PDF - ON Semiconductor

Part # AFGHL75T65SQDC
Download  AFGHL75T65SQDC Click to download

File Size   417.84 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description IGBTHybrid, Field Stop, Trench 650 V, 75 A, TO247

AFGHL75T65SQDC Datasheet (HTML) - ON Semiconductor


AFGHL75T65SQDC Product details

Using the novel field stop 4th generation IGBT technology and the
1.5th generation SiC Schottky Diode technology, AFGHL75T65SQDC
offers the optimum performance with both low conduction and
switching losses for high efficiency operations in various applications,
especially totem pole bridgeless PFC and Inverter.
Features
• Maximum Junction Temperature: TJ = 175°C
• Positive Temperature Co−efficient for Easy Parallel Operating
• High Current Capability
• Low Saturation Voltage: VCE(Sat) = 1.6 V (Typ.) @ IC = 75 A
• 100% of the Parts are Tested for ILM (Note 2)
• Fast Switching
• Tight Parameter Distribution
• No Reverse Recovery/No Forward Recovery
• AEC−Q101 Qualified and PPAP Capable
Typical Applications
• Automotive
• On & Off Board Chargers
• DC−DC Converters
• PFC
• Industrial Inverter




Similar Part No. - AFGHL75T65SQDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
More results


Similar Description - AFGHL75T65SQDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
AFGHL75T65SQD ONSEMI-AFGHL75T65SQD Datasheet
340Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
October, 2019 ??Rev. 0
AFGHL75T65SQDC ONSEMI-AFGHL75T65SQDC Datasheet
261Kb / 10P
Hybrid Field Stop Trench IGBT 650 V, 75 A, TO247
July, 2020 ??Rev. 0
FGAF40S65AQ ONSEMI-FGAF40S65AQ Datasheet
491Kb / 10P
Field Stop Trench IGBT 650 V, 40 A
May, 2021 ??Rev. 3
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
FGHL40S65UQ ONSEMI-FGHL40S65UQ Datasheet
311Kb / 10P
Field Stop Trench IGBT 40 A, 650 V
May, 2019 ??Rev. P0
FGH40T65SHDF ONSEMI-FGH40T65SHDF Datasheet
503Kb / 9P
IGBT - Field Stop, Trench 650 V, 40 A
November, 2020 ??Rev. 4
FGH75T65SHDTL4 ONSEMI-FGH75T65SHDTL4 Datasheet
575Kb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
December, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com