Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2EDN753X Datasheet (PDF) - Infineon Technologies AG

2EDN753X Datasheet PDF - Infineon Technologies AG
Part # 2EDN753X
Download  2EDN753X Download
File Size   1413.58 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy

2EDN753X Datasheet (PDF)

Go To PDF Page Download Datasheet
2EDN753X Datasheet PDF - Infineon Technologies AG

Part # 2EDN753X
Download  2EDN753X Click to download

File Size   1413.58 Kbytes
Page   36 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Dual-channel low-side 5 A gate driver ICs with low output resistance and excellent timing accuracy

2EDN753X Datasheet (HTML) - Infineon Technologies AG


2EDN753X Product details

Description
The EiceDRIVER™ 2EDN family is offered in 8-pin DSO, TSSOP and WSON packages as well as in small and versatile 6-pin
SOT23 package. High output current capability together with active output voltage clamping, tight timing specifications,
and optimized start-up and shut-down times, make the 2EDN family the first choice for many fast-switching applications.
Product features
• ±5A source/sink currents
• 19 ns typ. propagation delay
• +6/-4 ns propagation delay accuracy
• 1.8 μs output start-up time
• 500 ns output shut-down time
• Active output voltage clamping
• -12 V input robustness
• 5 A reverse current robustness
• 4 V and 8 V UVLO options
• Package options:
– 8-pin DSO, TSSOP, WSON
– 6-pin SOT23
• Fully qualified for industrial applications according to JEDEC
Applications
• Switch-mode power-supplies
• DC-DC power converters
• Synchronous rectification stages
• Power factor correction systems




Similar Part No. - 2EDN753X

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2EDN7534U INFINEON-2EDN7534U Datasheet
480Kb / 22P
EiceDRIVER™ 2EDN7534U
Rev.1.1
More results


Similar Description - 2EDN753X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
Dual 5-A High-Speed Low-Side Gate Driver
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
Infineon Technologies A...
2EDN7424 INFINEON-2EDN7424 Datasheet
793Kb / 24P
Fast Dual Channel 4 A Low-Side Gate Driver
Revision 2.0 2016-11-09
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
HIGH-SIDE AND LOW-SIDE GATE DRIVER
Rev 3
logo
Infineon Technologies A...
2ED24427N01F INFINEON-2ED24427N01F Datasheet
1Mb / 21P
10 A dual -channel low-side gate driver IC
V 2.0 2019-11-10
logo
Texas Instruments
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
logo
Infineon Technologies A...
2EDL8X2X INFINEON-2EDL8X2X Datasheet
1Mb / 26P
120 V Boot, 3 A / 4 A, Junction-Isolated High Side and Low Side Gate Driver ICs
Rev. 2.8, 2022-09-23
logo
Texas Instruments
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com