Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZX7365 Datasheet (PDF) - Zhaoxingwei Electronics ., Ltd

ZX7365 Datasheet PDF - Zhaoxingwei Electronics ., Ltd
Part # ZX7365
Download  ZX7365 Download
File Size   1199.68 Kbytes
Page   12 Pages
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd
Description 600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR

ZX7365 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX7365 Datasheet PDF - Zhaoxingwei Electronics ., Ltd

Part # ZX7365
Download  ZX7365 Click to download

File Size   1199.68 Kbytes
Page   12 Pages
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd
Description 600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR

ZX7365 Datasheet (HTML) - Zhaoxingwei Electronics ., Ltd


ZX7365 Product details

Description

The ZX7365 is a 600mA, adjustable and fixed output voltage, low
dropout linear regulator. This device includes pass element, error
amplifier, band-gap, current limit and thermal shutdown circuitry. The
device is turned on when EN pin is set to logic high level.
The characteristics of low dropout voltage and low quiescent current
make it suitable for low power applications such as battery powered
devices. The typical quiescent current is approximately 35μA. Built-in
current-limit and thermal-shutdown functions prevent IC from damage
in fault conditions.
This device is available with adjustable output from 0.8V to 5.0V, and
fixed version with 0.8V, 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V,
3.0V, 3.3V and 3.9V outputs. Please contact your local sales office for
other voltage options.
The ZX7365 is available in SOT25, SOT89, SOT223, and U
DFN2020-6 packages.

Features

 600mA Low Dropout Regulator with EN
 Very low IQ: 35μA
 Wide Input Voltage Range: 2V to 6V
 Wide Adjustable Output: 0.8V to 5.0V
 Fixed Output Options: 0.8V to 3.9V (0.1V Step Size Possible)
 High PSRR: 65dB at 1kHz
 Fast Start-Up Time: 200μs
 Stable with Low ESR, 1μF Ceramic Output Capacitor
 Excellent Load/Line Transient Response
 Low Dropout: 300mV at 600mA
 Current Limit and Short Circuit Protection
 Thermal Shutdown Protection
 Ambient Temperature Range: -40°C to +85°C
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green” Device (Note 3)

Applications

 Servers and Notebook Computers
 Low and Medium Power Applications
 FPGA and DSP Core or I/O Power
 Consumer Electronics




Similar Part No. - ZX7365

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX73-2500 MINI-ZX73-2500 Datasheet
391Kb / 3P
Voltage Variable Attenuator
ZX73-2500+ MINI-ZX73-2500+ Datasheet
391Kb / 3P
Voltage Variable Attenuator
ZX73-2500-S+ MINI-ZX73-2500-S+ Datasheet
391Kb / 3P
Voltage Variable Attenuator
ZX73-2500M-S+ MINI-ZX73-2500M-S+ Datasheet
391Kb / 3P
Voltage Variable Attenuator
More results


Similar Description - ZX7365

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com