Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZX7365 Datasheet(PDF) 6 Page - Zhaoxingwei Electronics ., Ltd

Part # ZX7365
Description  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Direct Link  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

ZX7365 Datasheet(HTML) 6 Page - Zhaoxingwei Electronics ., Ltd

Back Button ZX7365 Datasheet HTML 2Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 6Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 7Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 8Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 9Page - Zhaoxingwei Electronics ., Ltd ZX7365 Datasheet HTML 10Page - Zhaoxingwei Electronics ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical Performance Characteristics (Cont.)
0.1
1.0
10.0
100.0
FREQUENCY (kHz)
PSRR
80
70
60
50
40
30
20
0
10
P
S
R
R
(
d
B
)
I
= 50mA
OUT
I
=300mA
OUT
V
= 2.25V +0.5V
V
= 0.8V
C
= none, C
= 1µF
T = +25°C
IN
ppAC
OUT
IN
OUT
A
I
= 50mA
OUT
I
=300mA
OUT
0.1
1.0
10.0
100.0
FREQUENCY (kHz)
PSRR
80
V
= 2.25V +0.5V
V
= 1.2V
C
= none, C
= 1µF
T = +25°C
IN
ppAC
OUT
IN
OUT
A
70
60
50
40
30
20
0
10
P
S
R
R
(
d
B
)
4.0
4.5
5.5
6.0
5.0
INPUT VOLTAGE (V)
Input Quiescent Current vs. Input Voltage
60
50
40
20
10
0
30
T = 25癈
V
= 3.3V
I
= 0mA
A
OUT
OUT
-50
-25
75
125
25
TEMPERATURE (癈 )
Input Quiescent Current vs. Temperature
0
50
100
60
50
40
20
10
0
30
V
= 3.3V
I
= 0mA
OUT
OUT
V
= V
= 4.3V
IN
EN
I
= 50mA
OUT
I
= 300mA
OUT
0.1
1.0
10.0
100.0
FREQUENCY (kHz)
PSRR
80
70
60
50
40
30
20
10
P
S
R
R
(
d
B
)
0
V
= 2.8V +0.5VppAC
V
= 1.8V
C
= none, C
= 1µF
T = +25°C
IN
OUT
IN
OUT
A
V
= 4.3V +0.5VppAC
V
= 3.3V
C
= none, C
= 1µF
T = +25°C
IN
OUT
IN
OUT
A
I
= 50mA
OUT
I
= 300mA
OUT
0.1
1.0
10.0
100.0
FREQUENCY (kHz)
PSRR
80
70
60
50
40
30
20
10
P
S
R
R
(
d
B
)
0
TA = 25°C
VOUT = 3.3V
IOUT = 0mA
(°C)
SMD Type
IC
SMD Type
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com