Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM6594 Datasheet (PDF) - AiT Semiconductor Inc.

AM6594 Datasheet PDF - AiT Semiconductor Inc.
Part # AM6594
Download  AM6594 Download
File Size   857.09 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM6594 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM6594 Datasheet PDF - AiT Semiconductor Inc.

Part # AM6594
Download  AM6594 Click to download

File Size   857.09 Kbytes
Page   8 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description N-CHANNEL ENHANCEMENT MODE POWER MOSFET

AM6594 Datasheet (HTML) - AiT Semiconductor Inc.


AM6594 Product details

DESCRIPTION
AM6594 is the N-Channel enhancement mode power field effect transistors are using trench DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior, fast switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency fast switching applications.
AM
6594 is available in a DFN8(5x6) package.

FEATURES
 V DS = 3 0V, I D = 50 A
R
DS(ON) 4.5 mΩ(Typ.)@V GS 10V
R
DS(ON) 5.6 mΩ(Typ.)@V GS 4.5V
 Low Gate Charge
 100% UIS and Rg tested
 High power and current handling capability
 A vailable in a DFN8(5x6) package

APPLICATION
 Wireless Charging
 DC/DC Converters
 Load Switch




Similar Part No. - AM6594

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM6512 AITSEMI-AM6512 Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
AM6512J8R AITSEMI-AM6512J8R Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
AM6512J8VR AITSEMI-AM6512J8VR Datasheet
836Kb / 11P
N-CHANNEL ENHANCEMENT MODE
REV2.0
logo
Analog Power
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
P & N-Channel 20-V (D-S) MOSFET
logo
Texas Instruments
AM6526 TI1-AM6526 Datasheet
3Mb / 299P
Sitara Processors
More results


Similar Description - AM6594

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com