Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO321VC5VRZ Datasheet (PDF) - AiT Semiconductor Inc.

AO321VC5VRZ Datasheet PDF - AiT Semiconductor Inc.
Part # AO321VC5VRZ
Download  AO321VC5VRZ Download
File Size   1132.19 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER

AO321VC5VRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AO321VC5VRZ Datasheet PDF - AiT Semiconductor Inc.

Part # AO321VC5VRZ
Download  AO321VC5VRZ Click to download

File Size   1132.19 Kbytes
Page   14 Pages
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.
Description 1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER

AO321VC5VRZ Datasheet (HTML) - AiT Semiconductor Inc.


AO321VC5VRZ Product details

DESCRIPTION
The AO321V have a high gain-bandwidth product of 1MHz, a slew rate of 0.6V/μs, and a quiescent current of 40μA/amplifier at 5V. The AO321V is designed to provide optimal performance in low voltage and low noise systems. They provide rail-to-rail output swing into heavy loads. The input common mode voltage range includes ground, and the maximum input offset voltage is 3.5mV for AO321V. They are specified over the extended industrial temperature range (-40℃ to +125℃). The operating range is from 2.1V to 5.5V.
The AO321V (single) is available in SOT 25 and SC70 5 packages.

FEATURES
⚫ Single Supply Operation from +2.1V ~ +5.5V
⚫ Rail to Rail Input / Output
⚫ Gain Bandwidth Product: 1MHz (Typ.)
⚫ Low Input Bias Current: 1pA (Typ.)
⚫ Low Offset Voltage: 3.5mV (Max.)
⚫ Quiescent Current: 40 μ A per Amplifier (Typ.)
⚫ Operating Temperature: 40 C ~ +125 C
⚫ Embedded RF Anti EMI Filter
⚫ Available in SOT 25 and SC70 5 package s

APPLICATION
⚫ ASIC Input or Output Amplifier
⚫ Sensor Interface
⚫ Medical Communication
⚫ Smoke Detectors
⚫ Audio Output
⚫ Piezoelectric Transducer Amplifier
⚫ Medical Instrumentation
⚫ Portable Systems




Similar Part No. - AO321VC5VRZ

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AO321B AITSEMI-AO321B Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
AO321BE5R AITSEMI-AO321BE5R Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
AO321BE5VR AITSEMI-AO321BE5VR Datasheet
968Kb / 11P
LOW POWER SINGLE OP AMP
REV1.0
More results


Similar Description - AO321VC5VRZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
ECV321 E-CMOS-ECV321 Datasheet
490Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Operational Amplifier
ECV358 E-CMOS-ECV358 Datasheet
798Kb / 13P
1MHz, 1.8V, CMOS, Rail-to-Rail Dual Operational Amplifier
logo
Shenzhen Huazhimei Semi...
LMV321 HMSEMI-LMV321 Datasheet
1Mb / 16P
1MHZ CMOS Rail-to-Rail IO Opamp with RF Filter
logo
AiT Semiconductor Inc.
AO1369 AITSEMI-AO1369 Datasheet
854Kb / 12P
600nA 14.5kHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO1378 AITSEMI-AO1378 Datasheet
1,000Kb / 13P
1.8MHZ ZERO-DRIFT CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO324V AITSEMI-AO324V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
AO358V AITSEMI-AO358V Datasheet
1Mb / 13P
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.0
logo
TECH PUBLIC Electronics...
TPV321S5 TECHPUBLIC-TPV321S5 Datasheet
4Mb / 8P
1MHZ CMOS Rail-to-Rail IO Opamp With RF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com