Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO321VC5VRZ Datasheet(PDF) 2 Page - AiT Semiconductor Inc.

Part # AO321VC5VRZ
Description  1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO321VC5VRZ Datasheet(HTML) 2 Page - AiT Semiconductor Inc.

  AO321VC5VRZ Datasheet HTML 1Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 2Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 3Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 4Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 5Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 6Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 7Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 8Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 9Page - AiT Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO321V
OP AMPLIFIER
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
- APR 2020 RELEASED, SEP 2021 UPDATED -
- 2 -
PIN DESCRIPTION
Top View
Top View
Top View
Top View
Pin #
Symbol
Function
Type A
Type B
1
3
IN+
Analog Positive Input
2
2
VSS
Ground or Negative Power Supply Input
3
4
IN-
Analog Inverting Input
4
1
OUT
Output
5
5
VDD
Positive Power Supply Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com