Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AO321VC5VRZ Datasheet(PDF) 13 Page - AiT Semiconductor Inc.

Part # AO321VC5VRZ
Description  1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AO321VC5VRZ Datasheet(HTML) 13 Page - AiT Semiconductor Inc.

Back Button AO321VC5VRZ Datasheet HTML 6Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 7Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 8Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 9Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 10Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 11Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 12Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 13Page - AiT Semiconductor Inc. AO321VC5VRZ Datasheet HTML 14Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AO321V
OP AMPLIFIER
1MHz CMOS RAIL-TO-RAIL IO OPAMP WITH RF FILTER
REV1.1
- APR 2020 RELEASED, SEP 2021 UPDATED -
- 13 -
Dimension in SC70-5 (Unit: mm)
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
0.900
1.100
0.035
0.043
A1
0.000
0.100
0.000
0.004
A2
0.900
1.000
0.035
0.039
b
0.150
0.350
0.006
0.014
C
0.080
0.150
0.003
0.006
D
2.000
2.200
0.079
0.087
E
1.150
1.350
0.045
0.053
E1
2.150
2.450
0.085
0.096
e
0.650 TYP
0.026 TYP
e1
1.200
1.400
0.047
0.055
L
0.525 REF
0.021 REF
L1
0.260
0.460
0.010
0.018
θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com