Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIZF640DT Datasheet (PDF) - Vishay Siliconix

SIZF640DT Datasheet PDF - Vishay Siliconix
Part # SIZF640DT
Download  SIZF640DT Download
File Size   166.74 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Symmetric Dual N-Channel 40 V (D-S) MOSFET

SIZF640DT Datasheet (PDF)

Go To PDF Page Download Datasheet
SIZF640DT Datasheet PDF - Vishay Siliconix

Part # SIZF640DT
Download  SIZF640DT Click to download

File Size   166.74 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Symmetric Dual N-Channel 40 V (D-S) MOSFET

SIZF640DT Datasheet (HTML) - Vishay Siliconix


SIZF640DT Product details

FEATURES
• TrenchFET® Gen IV power MOSFET
• 100 % Rg and UIS tested
• Symmetric dual N-channel
• Flip chip technology optimal thermal design
• High side and low side MOSFETs form optimized
combination for 50 % duty cycle
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
• Buck-boost
• Half-bridge synchronous
rectification
• Telecom DC/DC
• Motor drive control




Similar Part No. - SIZF640DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIZF300DT VISHAY-SIZF300DT Datasheet
264Kb / 13P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
30-Apr-2018
SIZF300DT-T1-GE3 VISHAY-SIZF300DT-T1-GE3 Datasheet
264Kb / 13P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
30-Apr-2018
SIZF360DT VISHAY-SIZF360DT Datasheet
344Kb / 14P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
23-Sep-2019
SIZF360DT-T1-GE3 VISHAY-SIZF360DT-T1-GE3 Datasheet
344Kb / 14P
Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
23-Sep-2019
SIZF4800LDT VISHAY-SIZF4800LDT Datasheet
200Kb / 7P
Dual N-Channel 80 V (D-S) MOSFET
12-Jun-2023
More results


Similar Description - SIZF640DT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
Dual N-Channel 40-V (D-S) MOSFET
28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
Dual N-Channel 40-V (D-S) MOSFET
16-Nov-09
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
9960GM-HF VBSEMI-9960GM-HF Datasheet
1,004Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
SSG4940N VBSEMI-SSG4940N Datasheet
1,006Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
STM6920 VBSEMI-STM6920 Datasheet
1,006Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com