Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD12VV1BL Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

PESD12VV1BL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # PESD12VV1BL
Download  PESD12VV1BL Download
File Size   874.55 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

PESD12VV1BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD12VV1BL Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD12VV1BL
Download  PESD12VV1BL Click to download

File Size   874.55 Kbytes
Page   4 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description BIDIRECTIONAL TVS DIODE

PESD12VV1BL Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


PESD12VV1BL Product details

Features
Protects one data or power line
Ultra low leakage: nA level
Operating voltage: 12V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 8A (8/20μs)
RoHS Compliant

Applications
Cellular Handsets and Accessories
Personal Digital Assistants
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
Audio Players




Similar Part No. - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VV1BL NXP-PESD12VV1BL Datasheet
539Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-3 April 2012
logo
Nexperia B.V. All right...
PESD12VV1BL NEXPERIA-PESD12VV1BL Datasheet
765Kb / 11P
Very low capacitance bidirectional ESD protection diode
14 October 2016
PESD12VV1BL-Q NEXPERIA-PESD12VV1BL-Q Datasheet
333Kb / 11P
Very low capacitance bidirectional ESD protection diode
4 October 2022
PESD12VV1BLS NEXPERIA-PESD12VV1BLS Datasheet
222Kb / 11P
Very low capacitance bidirectional ESD protection diode
6 January 2022
logo
NXP Semiconductors
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
More results


Similar Description - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05L LEIDITECH-SD05L Datasheet
312Kb / 3P
BIDIRECTIONAL TVS DIODE
SD18CW LEIDITECH-SD18CW Datasheet
333Kb / 3P
BIDIRECTIONAL TVS DIODE
SD33C LEIDITECH-SD33C Datasheet
1Mb / 5P
BIDIRECTIONAL TVS DIODE
SDA0811CBP LEIDITECH-SDA0811CBP Datasheet
453Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA1811CDN LEIDITECH-SDA1811CDN Datasheet
213Kb / 3P
BIDIRECTIONAL TVS DIODE
SDA2411CBP LEIDITECH-SDA2411CBP Datasheet
437Kb / 3P
BIDIRECTIONAL TVS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com