Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PESD12VV1BL Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD12VV1BL Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD12VV1BL
Download  PESD12VV1BL Download
File Size   765.76 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD12VV1BL Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD12VV1BL Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD12VV1BL
Download  PESD12VV1BL Click to download

File Size   765.76 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance bidirectional ESD protection diode

PESD12VV1BL Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD12VV1BL Product details

1. General description
Very low capacitance bidirectional ElectroStatic Discharge (ESD) protection diode designed to
protect one signal line from the damage caused by ESD and other transients. The device is housed
in a leadless ultra small DFN1006-2 (SOD882) Surface-Mounted Device (SMD) plastic package.
2. Features and benefits
• Bidirectional ESD protection of one line
• Low diode capacitance Cd = 17 pF
• Rated peak pulse power: PPPM = 290 W
• Ultra low leakage current IRM < 1 nA
• ESD protection up to 30 kV
• IEC 61000-4-2; level 4 (ESD)
• IEC 61000-4-5 (surge); IPPM = 7.8 A
• AEC-Q101 qualified
3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Portable electronics
• Communication systems




Similar Part No. - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD12VV1BL NXP-PESD12VV1BL Datasheet
539Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-3 April 2012
logo
Shanghai Leiditech Elec...
PESD12VV1BL LEIDITECH-PESD12VV1BL Datasheet
874Kb / 4P
BIDIRECTIONAL TVS DIODE
Rev 3.0 : 04.01.2021
logo
Nexperia B.V. All right...
PESD12VV1BL-Q NEXPERIA-PESD12VV1BL-Q Datasheet
333Kb / 11P
Very low capacitance bidirectional ESD protection diode
4 October 2022
PESD12VV1BLS NEXPERIA-PESD12VV1BLS Datasheet
222Kb / 11P
Very low capacitance bidirectional ESD protection diode
6 January 2022
logo
NXP Semiconductors
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
More results


Similar Description - PESD12VV1BL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0V1BLD NXP-PESD5V0V1BLD Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
PESD5V0V1BDSF PHILIPS-PESD5V0V1BDSF_15 Datasheet
339Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 1-17 April 2012
PESD12VV1BL PHILIPS-PESD12VV1BL_15 Datasheet
586Kb / 12P
Very low capacitance bidirectional ESD protection diode
Rev. 2-18 March 2013
PESD5V0V1BLD PHILIPS-PESD5V0V1BLD_15 Datasheet
173Kb / 14P
Very low capacitance bidirectional ESD protection diode
Rev. 1-7 December 2010
logo
Nexperia B.V. All right...
PESD5V0V1BL-Q NEXPERIA-PESD5V0V1BL-Q Datasheet
252Kb / 12P
Very low capacitance bidirectional ESD protection diode
30 September 2022
PESD5V0V1BLD-Q NEXPERIA-PESD5V0V1BLD-Q Datasheet
263Kb / 12P
Very low capacitance bidirectional ESD protection diode
31 May 2022
PESD5V0V1BLS NEXPERIA-PESD5V0V1BLS Datasheet
228Kb / 11P
Very low capacitance bidirectional ESD protection diode
3 February 2021
PESD5V0V1BL NEXPERIA-PESD5V0V1BL Datasheet
239Kb / 12P
Very low capacitance bidirectional ESD protection diode
5 July 2018
PESD4V0X1BESF NEXPERIA-PESD4V0X1BESF Datasheet
206Kb / 10P
Very low capacitance bidirectional ESD protection diode
2 March 2021
PESD5V0V1BLD NEXPERIA-PESD5V0V1BLD Datasheet
260Kb / 12P
Very low capacitance bidirectional ESD protection diode
1 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com