Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC511002P-10 Datasheet (PDF) - Toshiba Semiconductor

TC511002P-10 Datasheet PDF - Toshiba Semiconductor
Part # TC511002P-10
Download  TC511002P-10 Download
File Size   1851.98 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511002P-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC511002P-10 Datasheet PDF - Toshiba Semiconductor

Part # TC511002P-10
Download  TC511002P-10 Click to download

File Size   1851.98 Kbytes
Page   16 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511002P-10 Datasheet (HTML) - Toshiba Semiconductor


TC511002P-10 Product details

DESCRIPTION
The TC511002P/J/Z is the new generation dynamic
RAM organized 1,048,576 words by 1 bit. The TC511002
P/J/Z utilizes TOSHIBA's CMOS Silicon gate process
technology as well as advanced circuit techniques to
provide wide operating margins, both internally and to
the system user. Multiplexed address inputs permit the
TC511002P/J/Z to be packaged in a standard 18 pin
plastic DIP, 26/20 pin plastic SOJ and 20/19 pin plastic
ZIP. The package size provides system bit densities and
is compatible with widely available automated testing
and insertion equipment. System oriented features
include single power supply of 5V ± 10% tolerance,
direct interfacing capability with high performance logic
families such as Schottky TTL. "Test Mode" function is
implemented from Revision C.

FEATURES
1,048,576 word by 1 bit organization
• Fast access time and cycle time
THAC
TAA
ICAC
TAC
tsc
RAS Access Time
Column Address Access
Time
CS Access Time
Cycle Time
Static Column Mode Cycle
Time
TC511002P/J/Z-85-10-12
85ns 100ns 120ns
45ns 50ns 60ns
25ns
25ns
30ns
165ns 190ns 220ns
50ns 55ns 65ns
Sincle power supply of 5V ± 10% with a built-in VBB
generator
Low Power
385mW MAX. Operating (TC511002P/J/Z-85)
330mW MAX. Operating (TC511002P/J/Z-10)
275mW MAX. Operating (TC511002P/J/Z-12)
5.5mW MAX. Standby
Output unlatched at cycle end allows two-dimensional
chip selection
Common I/O capability
Read-Modify-Write, CS before RAS refresh, RAS-only
refresh, Hidden refresh, Static Column Mode and Test
Mode capability.
• All inputs and output TTL compatible
512 refresh cycles/8ms
● Package
Plastic DIP: TC511002P
Plastic SOJ: TC511002J
Plastic ZIP: TC511002Z




Similar Part No. - TC511002P-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC511000J TOSHIBA-TC511000J Datasheet
2Mb / 19P
SILICON GATE CMOS
TC511000J-10 TOSHIBA-TC511000J-10 Datasheet
2Mb / 19P
SILICON GATE CMOS
TC511000J-12 TOSHIBA-TC511000J-12 Datasheet
2Mb / 19P
SILICON GATE CMOS
TC511000J-85 TOSHIBA-TC511000J-85 Datasheet
2Mb / 19P
SILICON GATE CMOS
TC511000P TOSHIBA-TC511000P Datasheet
2Mb / 19P
SILICON GATE CMOS
More results


Similar Description - TC511002P-10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
Memory Products
logo
Toshiba Semiconductor
TMM2064P-10 TOSHIBA-TMM2064P-10 Datasheet
379Kb / 6P
TOSHIBA MOS MEMORY PRODUCTS
MP4203 TOSHIBA-MP4203 Datasheet
223Kb / 4P
TOSHIBA POWER MOS FET MODULE SILICON P CHANNEL MOS TYPE
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
TOSHIBA MOS MEMORY PRODUCTS
logo
Fairchild Semiconductor
F2732 FAIRCHILD-F2732 Datasheet
307Kb / 6P
MOS Memory Products
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
Sockets/Memory Products
logo
Toshiba Semiconductor
TC511001AP TOSHIBA-TC511001AP Datasheet
949Kb / 21P
TOSHIBA MOS MEMORY PRODUCTS
TC511001P TOSHIBA-TC511001P Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC58TEG5DCJTAX0 TOSHIBA-TC58TEG5DCJTAX0 Datasheet
784Kb / 81P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.2 2012 - 03 - 01
TX58TEGXDCJTAX0 TOSHIBA-TX58TEGXDCJTAX0 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com