Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC511001AP-10 Datasheet (PDF) - Toshiba Semiconductor

TC511001AP-10 Datasheet PDF - Toshiba Semiconductor
Part # TC511001AP-10
Download  TC511001AP-10 Download
File Size   949.29 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511001AP-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC511001AP-10 Datasheet PDF - Toshiba Semiconductor

Part # TC511001AP-10
Download  TC511001AP-10 Click to download

File Size   949.29 Kbytes
Page   21 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA MOS MEMORY PRODUCTS

TC511001AP-10 Datasheet (HTML) - Toshiba Semiconductor


TC511001AP-10 Product details

DESCRIPTION
The TC511001AP/AJ/AZ is the new generation dynamic RAM organized 1,048,576 words by
1 bit. The TC511001AP/AJ/AZ utilizes TOSHIBA's CMOS Silicon gate process technology as
well as advanced circuit techniques to provide wide operating margins, both internally
and to the system user. Multiplexed address inputs permit the TC511001AP/AJ/AZ to be
packaged in a standard 18 pin plastic DIP, 26/20 pin plastic SOJ and 20/19 pin plastic
ZIP. The package size provides high system bit densities and is compatible with widely
available automated testing and insertion equipment. System oriented features include
single power supply of 5V±10% tolerance, direct interfacing capability with high perform-
ance logic families such as Schottky TTL. The special feature of TC511001AP/AJ/AZ is
nibble mode, allowing the user to serially access 4 bits of data at a high data rate.

FEATURES
1,048,576 word by 1 bit organization
Fast access time and cycle time.
FRAC RAS Access Time
CAA
Column Address
Access Time
CAS Access Time
Cycle Time
Nibble Mode
ENCAC Access Time
CAC
ERC
Nibble Mode
*NC Cycle Time
FO$11001AB/AJ/A-73-80/-10
70ns 80ns 100ns
35ns
40ns 50ns
20ns 20ns 25ns
130ns 150ns 180ns
20ns 20ns 20ns
40ns
40ns 40ns
Single power supply of 5V±10% with a
built-in VBB generator
Low Power:
440mW MAX. Operating (TC511001AP/AJ/AZ-70)
385mW MAX. Operating (TC511001AP/AJ/AZ-80)
330ml MAX. Operating (TC511001AP/AJ/AZ-10)
5.5mW MAX. Standby
Output unlatched at cycle end allows two-
dimensional chip selection
Common I/O capability using "EARLY WRITE"
operation
Read-Modify-Write,
CAS before RAS refresh,
RAS-only refresh, Hidden refresh, Nibble
Mode and Test Mode capability
All inputs and output TTL compatible
512 refresh cycles/8ms
Package
Plastic DIP: TC511001AP
Plastic SOJ: TC511001AJ
Plastic ZIP: TC511001AZ




Similar Part No. - TC511001AP-10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC511001J TOSHIBA-TC511001J Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC511001J-10 TOSHIBA-TC511001J-10 Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC511001J-12 TOSHIBA-TC511001J-12 Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC511001J-85 TOSHIBA-TC511001J-85 Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC511001P TOSHIBA-TC511001P Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
More results


Similar Description - TC511001AP-10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R818A MOTOROLA-MCM69R818A Datasheet
57Kb / 7P
Memory Products
logo
Toshiba Semiconductor
TMM2064P-10 TOSHIBA-TMM2064P-10 Datasheet
379Kb / 6P
TOSHIBA MOS MEMORY PRODUCTS
MP4203 TOSHIBA-MP4203 Datasheet
223Kb / 4P
TOSHIBA POWER MOS FET MODULE SILICON P CHANNEL MOS TYPE
TC55257AFL TOSHIBA-TC55257AFL Datasheet
189Kb / 8P
TOSHIBA MOS MEMORY PRODUCTS
logo
Fairchild Semiconductor
F2732 FAIRCHILD-F2732 Datasheet
307Kb / 6P
MOS Memory Products
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
Sockets/Memory Products
logo
Toshiba Semiconductor
TC511001P TOSHIBA-TC511001P Datasheet
2Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC511002P TOSHIBA-TC511002P Datasheet
1Mb / 16P
TOSHIBA MOS MEMORY PRODUCTS
TC58TEG5DCJTAX0 TOSHIBA-TC58TEG5DCJTAX0 Datasheet
784Kb / 81P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.2 2012 - 03 - 01
TX58TEGXDCJTAX0 TOSHIBA-TX58TEGXDCJTAX0 Datasheet
252Kb / 14P
TOSHIBA NAND memory Toggle DDR1.0 Technical Data Sheet
Rev. 0.3 2012 - 04 - 10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com