Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ8S212UD4 Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8S212UD4 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8S212UD4
Download  AOZ8S212UD4 Download
File Size   525.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 4-Channel Ultra-Low Capacitance TVS Diode Array

AOZ8S212UD4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8S212UD4 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8S212UD4
Download  AOZ8S212UD4 Click to download

File Size   525.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 4-Channel Ultra-Low Capacitance TVS Diode Array

AOZ8S212UD4 Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8S212UD4 Product details

General Description
The AOZ8S212UD4 is a transient voltage suppressor
array designed to protect high speed data lines such as
HDMI 2.0/2.1, USB 3.2, LVDS, and V-by-one from
damaging ESD events.
This device incorporates a numbers of surge rated, low
capacitance steering diodes and a TVS in a single
package. During transient conditions, the steering diodes
direct the transient to either the positive side of the power
supply line or to ground.
The AOZ8S212UD4 provides a typical line-to-line
capacitance of 0.20 pF and low insertion loss providing
greater signal integrity making it ideally suited for HDMI
2.0/2.1 or USB 3.2 applications, such as Digital TVs,
DVD players, computing, set-top boxes and MDDI
applications in mobile computing devices.
The AOZ8S212UD4 comes in a RoHS compliant and
Halogen Free 2.5 mm x 1.0 mm x 0.55 mm DFN-10L
package and is rated for -40°C to +125°C junction
temperature range.

Features
 IEC 61000-4-2 (ESD):
– Air discharge: ±10 kV
– Contact discharge: ±8 kV
 IEC 61000-4-5 (Lightning, 8/20 μs) 3 A
 Human Body Model (HBM) ±8 kV
 Protects four I/O lines
 Low capacitance between I/O to GND: 0.2 pF
 Low clamping voltage
 Low operating voltage: 3.3 V, 5 V

Applications
 HDMI 2.0/2.1, USB 3.2, Thunderbolt, V-by-One
 Monitors and flat panel displays
 Set-top box
 Video graphics cards
 Notebook computers




Similar Part No. - AOZ8S212UD4

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8S203BLS AOSMD-AOZ8S203BLS Datasheet
1Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 October 2020
AOZ8S203BLS-03 AOSMD-AOZ8S203BLS-03 Datasheet
1Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 October 2020
AOZ8S203BLS-05 AOSMD-AOZ8S203BLS-05 Datasheet
1Mb / 6P
Single Channel Bidirectional TVS Diode
Rev. 1.0 October 2020
AOZ8S204BL2 AOSMD-AOZ8S204BL2 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
AOZ8S204BL2-03 AOSMD-AOZ8S204BL2-03 Datasheet
1Mb / 6P
Dual Channel Bidirectional 0.15pF TVS Diode
Rev. 1.0 October 2021
More results


Similar Description - AOZ8S212UD4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 12
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
logo
Applied Power Microelec...
AR0524P5 APMICRO-AR0524P5 Datasheet
924Kb / 11P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC0524S LEIDITECH-ULC0524S Datasheet
1Mb / 9P
4-Line Ultra Low Capacitance TVS Diode Array
logo
Diodes Incorporated
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
logo
Alpha & Omega Semicondu...
AOZ8S321UD4-03 AOSMD-AOZ8S321UD4-03 Datasheet
403Kb / 6P
4-Channel Ultra-Low Capacitance TVS Diode Array
Rev. 2.0 September 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com