Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2196551104 Datasheet (PDF) - Molex Electronics Ltd.

2196551104 Datasheet PDF - Molex Electronics Ltd.
Part # 2196551104
Download  2196551104 Download
File Size   105.39 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-S 450mm 26AWG Lead RD Sn

2196551104 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196551104 Datasheet PDF - Molex Electronics Ltd.

Part # 2196551104
Download  2196551104 Click to download

File Size   105.39 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-S 450mm 26AWG Lead RD Sn

2196551104 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196551104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196551102 MOLEX-2196551102 Datasheet
38Kb / 1P
Off-the-Shelf Pre-Crimped Leads
10/26/2022
More results


Similar Description - 2196551104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196551112 MOLEX-2196551112 Datasheet
106Kb / 1P
Micro-One ISL F-S 150mm 24AWG Lead BK Sn
2022/01/11
2196802225 MOLEX-2196802225 Datasheet
112Kb / 1P
SL F-F 450mm 24 awg lead RD Au
2022/03/18
2149201225 MOLEX-2149201225 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG RD F-F L=450 Sn
2019/12/30
2196531022 MOLEX-2196531022 Datasheet
284Kb / 1P
Micro-One ISL R-S 2ckt 150mm disc Sn
2022/01/11
2196531040 MOLEX-2196531040 Datasheet
294Kb / 1P
Micro-One ISL R-S 4ckt 50mm disc Sn
2022/01/11
2196531030 MOLEX-2196531030 Datasheet
293Kb / 1P
Micro-One ISL R-S 3ckt 50mm disc Sn
2022/01/11
2196531060 MOLEX-2196531060 Datasheet
312Kb / 1P
Micro-One ISL R-S 6¢ckt 50mm disc Sn
2022/01/11
2196531080 MOLEX-2196531080 Datasheet
325Kb / 1P
Micro-One ISL R-S 8ckt 50mm disc Sn
2022/01/11
2196541121 MOLEX-2196541121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
2196542121 MOLEX-2196542121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com