Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2196552111 Datasheet (PDF) - Molex Electronics Ltd.

2196552111 Datasheet PDF - Molex Electronics Ltd.
Part # 2196552111
Download  2196552111 Download
File Size   106.16 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-S 150mm 24AWG Lead BK Sn

2196552111 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196552111 Datasheet PDF - Molex Electronics Ltd.

Part # 2196552111
Download  2196552111 Click to download

File Size   106.16 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Micro-One ISL F-S 150mm 24AWG Lead BK Sn

2196552111 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196552111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196552101 MOLEX-2196552101 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2196552102 MOLEX-2196552102 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2196552103 MOLEX-2196552103 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2196552104 MOLEX-2196552104 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2196552105 MOLEX-2196552105 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
More results


Similar Description - 2196552111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196552105 MOLEX-2196552105 Datasheet
105Kb / 1P
Micro-One ISL F-S 450mm 26AWG Lead RD Sn
2022/01/11
2196531022 MOLEX-2196531022 Datasheet
284Kb / 1P
Micro-One ISL R-S 2ckt 150mm disc Sn
2022/01/11
2196541121 MOLEX-2196541121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
2196542121 MOLEX-2196542121 Datasheet
106Kb / 1P
Micro-One ISL F-F 75mm 22AWG Lead BK Sn
2022/01/11
2244511112 MOLEX-2244511112 Datasheet
107Kb / 1P
Stac64 F-F 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2244521112 MOLEX-2244521112 Datasheet
102Kb / 1P
Stac64 F-S 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2245401112 MOLEX-2245401112 Datasheet
70Kb / 1P
MX64 F-F 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245412112 MOLEX-2245412112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245652112 MOLEX-2245652112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Sn
2023/12/04
2245722112 MOLEX-2245722112 Datasheet
102Kb / 1P
Stac64 F-S 150mm 0.50sq.mm Lead BK Sn
2023/03/16
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com