Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3P2G48D25 Datasheet (PDF) - Teledyne Technologies Incorporated

E3P2G48D25 Datasheet PDF - Teledyne Technologies Incorporated
Part # E3P2G48D25
Download  E3P2G48D25 Download
File Size   2073.11 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay

E3P2G48D25 Datasheet (PDF)

Go To PDF Page Download Datasheet
E3P2G48D25 Datasheet PDF - Teledyne Technologies Incorporated

Part # E3P2G48D25
Download  E3P2G48D25 Click to download

File Size   2073.11 Kbytes
Page   6 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay

E3P2G48D25 Datasheet (HTML) - Teledyne Technologies Incorporated


E3P2G48D25 Product details

FEATURES / BENEFITS
• Three-phase power output
• Direct Copper Bonding
• Internal Over-Voltage protection
• Input Control LED
• Built in IP20 protection with flaps
• Excellent thermal performance
• Designed too IEC/ EN60947-4-3.
• High immunity to surges

DESCRIPTION
The E3P2G series, three-phase solid state relay is the
2nd generation of the discontinued E3P series. The new
design incorporates a high efficiency back-to-back thyristor
with direct copper bonding for a longer lifetime expectancy.
Over-Voltage protection is provided internally with TVS
diodes for the input and output. Additionally our -16 model
is designed with an RC snubber and VDR for greater
protection to the output to handle all types of loads. The
industrial SSR utilizes optical isolation to protect the
control from load transients for each phase and has tight
zero-cross window for low EMI. A control status LED are
standard on all models.

APPLICATIONS
• Heating control
• Motor control
• Uninterruptible power supplies
• Light dimmers
• Three-phase industrial and process control
• On/Off controls of AC equipment




Similar Part No. - E3P2G48D25

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P48A50 TELEDYNE-E3P48A50 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
E3P48D12 TELEDYNE-E3P48D12 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
E3P48D25 TELEDYNE-E3P48D25 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
E3P48D50 TELEDYNE-E3P48D50 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
E3P48D50-16 TELEDYNE-E3P48D50-16 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
More results


Similar Description - E3P2G48D25

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
THREE-PHASE SOLID STATE RELAY
logo
Teledyne Technologies I...
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
Output to 75A, 510 Vac Solid-State Relay with Diagnostic
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
Three-Phase Output to 75A 600 Vac DC Control
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
Three Phase Solid State Relay
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
Three phase power solid state relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
Three Phase Solid State Relay
02-2021, Rev. 0221
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com