Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E3P48R50-16 Datasheet (PDF) - Teledyne Technologies Incorporated

E3P48R50-16 Datasheet PDF - Teledyne Technologies Incorporated
Part # E3P48R50-16
Download  E3P48R50-16 Download
File Size   141.74 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output to 75A 600 Vac DC Control

E3P48R50-16 Datasheet (PDF)

Go To PDF Page Download Datasheet
E3P48R50-16 Datasheet PDF - Teledyne Technologies Incorporated

Part # E3P48R50-16
Download  E3P48R50-16 Click to download

File Size   141.74 Kbytes
Page   4 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Three-Phase Output to 75A 600 Vac DC Control

E3P48R50-16 Datasheet (HTML) - Teledyne Technologies Incorporated


E3P48R50-16 Product details

DESCRIPTION
The Series E3P three-phase relays are designed for all types of loads. The design incorporates a thyristor output. Control status LED is a standard on all models. Output protection is provided internally on certain models. The Series E3P utilizes optical isolation to protect the control from load transients. High-current models are excellent for motor control.

FEATURES/BENEFITS
• Three-phase output
• AC or DC control
• Internal output protection
• Control LED on all models
• Designed for all types of loads
• Excellent thermal performance
• Tight zero-cross window for low EMI
• High immunity to surges

APPLICATIONS
• Heating control
• Motor control
• Uninterruptible power supplies
• Light dimmers
• Three-phase industrial and process control
• On/Off controls of AC equipment




Similar Part No. - E3P48R50-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D50 TELEDYNE-E3P2G48D50 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75 TELEDYNE-E3P2G48D75 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75-16 TELEDYNE-E3P2G48D75-16 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
logo
List of Unclassifed Man...
E3PB ETC2-E3PB Datasheet
607Kb / 2P
77SC66p33e..c4422-0220..22362510710 Mild Steel
More results


Similar Description - E3P48R50-16

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
Output to 16A 280 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
Dual Output to 50A 600 Vac DC Control
LS24D16C TELEDYNE-LS24D16C Datasheet
195Kb / 6P
30A to 600 Vac SIP Package DC control
E3PT48D12 TELEDYNE-E3PT48D12 Datasheet
135Kb / 4P
Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
Three-Phase Output 25A 280 Vac DC control
BS24D4A TELEDYNE-BS24D4A Datasheet
87Kb / 2P
4A to 600 Vac SIP Package DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
ST48A25-22 TELEDYNE-ST48A25-22 Datasheet
130Kb / 4P
Single Output to 75A 600 Vac
LS60D22C-HS1 TELEDYNE-LS60D22C-HS1 Datasheet
460Kb / 6P
30A to 600 Vac SIP Package DC Control
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com