Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X24D12 Datasheet (PDF) - Teledyne Technologies Incorporated

X24D12 Datasheet PDF - Teledyne Technologies Incorporated
Part # X24D12
Download  X24D12 Download
File Size   102.78 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 16A 280 Vac DC Control

X24D12 Datasheet (PDF)

Go To PDF Page Download Datasheet
X24D12 Datasheet PDF - Teledyne Technologies Incorporated

Part # X24D12
Download  X24D12 Click to download

File Size   102.78 Kbytes
Page   3 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Output to 16A 280 Vac DC Control

X24D12 Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - X24D12

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
X24 HUBBELL-X24 Datasheet
372Kb / 1P
Anchor, Cross-Plate, 24in painted fits 1in rod
logo
List of Unclassifed Man...
X24-009PKC-E ETC2-X24-009PKC-E Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
X24-009PKC-EA ETC2-X24-009PKC-EA Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
X24-009PKC-R ETC2-X24-009PKC-R Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
X24-009PKC-RA ETC2-X24-009PKC-RA Datasheet
1Mb / 3P
100 mW/900 MHz or 50 mW/2.4 GHz Stand-Alone Radio Modems
More results


Similar Description - X24D12

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
Output to 2.5A, 275 Vac AC/DC Control
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
Quad Output 25A 280 Vac DC control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
Dual Output to 50A 600 Vac DC Control
L24D25C TELEDYNE-L24D25C Datasheet
70Kb / 2P
Single Output to 25A, 280 Vac DC control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
Output to 20A 280 Vac DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
Three-Phase Output 25A 280 Vac DC control
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
Single Output to 660 Vac AC/DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
Single Output to 660 Vac AC/DC Control
04/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com