Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L24D25C Datasheet (PDF) - Teledyne Technologies Incorporated

L24D25C Datasheet PDF - Teledyne Technologies Incorporated
Part # L24D25C
Download  L24D25C Download
File Size   70.46 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 25A, 280 Vac DC control

L24D25C Datasheet (PDF)

Go To PDF Page Download Datasheet
L24D25C Datasheet PDF - Teledyne Technologies Incorporated

Part # L24D25C
Download  L24D25C Click to download

File Size   70.46 Kbytes
Page   2 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Single Output to 25A, 280 Vac DC control

L24D25C Datasheet (HTML) - Teledyne Technologies Incorporated




Similar Part No. - L24D25C

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
L24 JINANJINGHENG-L24 Datasheet
73Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
L24-SOD-123FL JINANJINGHENG-L24-SOD-123FL Datasheet
73Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Intel Corporation
L2400 INTEL-L2400 Datasheet
1Mb / 91P
Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Hamamatsu Corporation
L2402 HAMAMATSU-L2402 Datasheet
117Kb / 4P
4-pin plastic package, infrared LED
L2402-01 HAMAMATSU-L2402-01 Datasheet
133Kb / 4P
4-pin plastic package, infrared LED
More results


Similar Description - L24D25C

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
X24D12 TELEDYNE-X24D12 Datasheet
102Kb / 3P
Output to 16A 280 Vac DC Control
SQ24D25 TELEDYNE-SQ24D25 Datasheet
60Kb / 2P
Quad Output 25A 280 Vac DC control
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
Single Output to 125A 660 Vac AC/DC Control
G24R12-06 TELEDYNE-G24R12-06 Datasheet
84Kb / 2P
Output to 12A 280 Vac DC Control
FS24R10-06 TELEDYNE-FS24R10-06 Datasheet
96Kb / 3P
Output to 20A 280 Vac DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
Three-Phase Output 25A 280 Vac DC control
logo
Crydom Inc.,
UPD2415 CRYDOM-UPD2415 Datasheet
815Kb / 4P
SIP SSR Single Channel Ratings of 15A and 25A @ 280 VAC
logo
Teledyne Technologies I...
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
Single Output to 660 Vac AC/DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
Three-Phase Output to 25A 280 Vac
logo
Teledyne Technologies I...
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
Single Output to 660 Vac AC/DC Control
04/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com