Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVD Datasheet (PDF) - Transko Electronics, Inc.

TVD Datasheet PDF - Transko Electronics, Inc.
Part # TVD
Download  TVD Download
File Size   408.68 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)

TVD Datasheet (PDF)

Go To PDF Page Download Datasheet
TVD Datasheet PDF - Transko Electronics, Inc.

Part # TVD
Download  TVD Click to download

File Size   408.68 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)

TVD Datasheet (HTML) - Transko Electronics, Inc.


TVD Product details

FEATURES
• Designed specifically for Digital Video application
• 2 user- selectable output frequencies: 148.3516MHz, 148.500MHz
• High reliability and low aging
• Available CMOS,LVDS, and LVPECL outputs
• 3.3V and 2.5V supply options




Similar Part No. - TVD

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
TVD120 YHDC-TVD120 Datasheet
5Mb / 1P
Voltage type voltage transformer
logo
Transko Electronics, In...
TVD5 TRANSKO-TVD5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
TVD5-P50HM33C-TR TRANSKO-TVD5-P50HM33C-TR Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
More results


Similar Description - TVD

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
Transko Electronics, In...
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
TVC TRANSKO-TVC Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
TVC5 TRANSKO-TVC5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
TVD5 TRANSKO-TVD5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
logo
Xtaltq Technologies Co....
BT0507A XTALTQ-BT0507A Datasheet
275Kb / 3P
SMD Package (7.0×5.0mm)
BT0507E XTALTQ-BT0507E Datasheet
206Kb / 2P
SMD Package(7.0×5.0mm)
BV0507D XTALTQ-BV0507D Datasheet
184Kb / 2P
SMD Package (7.0×5.0mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com