Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TVD5 Datasheet (PDF) - Transko Electronics, Inc.

TVD5 Datasheet PDF - Transko Electronics, Inc.
Part # TVD5
Download  TVD5 Download
File Size   409.18 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)

TVD5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TVD5 Datasheet PDF - Transko Electronics, Inc.

Part # TVD5
Download  TVD5 Click to download

File Size   409.18 Kbytes
Page   2 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)

TVD5 Datasheet (HTML) - Transko Electronics, Inc.


TVD5 Product details

FEATURES
• Designed specifically for Digital Video application
• 2 user- selectable output frequencies: 148.3516MHz, 148.500MHz
• High reliability and low aging
• Available CMOS,LVDS, and LVPECL outputs
• 3.3V and 2.5V supply options




Similar Part No. - TVD5

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TVD TRANSKO-TVD Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
TVD-P50HM33C-TR TRANSKO-TVD-P50HM33C-TR Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
logo
Beijing Yaohuadechang E...
TVD120 YHDC-TVD120 Datasheet
5Mb / 1P
Voltage type voltage transformer
More results


Similar Description - TVD5

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQ5032 EUROQUARTZ-EQ5032 Datasheet
92Kb / 1P
5.0 x 3.2mm SMD TCXO
HJ53 EUROQUARTZ-HJ53 Datasheet
183Kb / 2P
5 x 3.2mm SMD Dual Frequency Oscillator
logo
TAITIEN ELECTRONICS CO....
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
logo
Transko Electronics, In...
TSMV TRANSKO-TSMV Datasheet
289Kb / 1P
VCXO STANDARD CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev. 5: 02-26-20
TSMV5 TRANSKO-TSMV5 Datasheet
390Kb / 1P
ULTRA MINIATURE CERAMIC SMD VCXO (5.0 x 3.2 x 1.3mm)
Rev. 2: May 2015
TV53A TRANSKO-TV53A Datasheet
606Kb / 2P
MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015
TVC TRANSKO-TVC Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
TVC5 TRANSKO-TVC5 Datasheet
409Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: 06-16-2020
TVD TRANSKO-TVD Datasheet
408Kb / 2P
DUAL FREQUENCY OUTPUT CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 06-16-2020
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com