Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

61232620621 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

61232620621 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 61232620621
Download  61232620621 Download
File Size   601.22 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-BHD 2.54mm Male SMT Box Header WR-BHD

61232620621 Datasheet (PDF)

Go To PDF Page Download Datasheet
61232620621 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 61232620621
Download  61232620621 Click to download

File Size   601.22 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-BHD 2.54mm Male SMT Box Header WR-BHD

61232620621 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


61232620621 Product details

General Information:
Operating Temperature -40 up to +125 °C




Similar Part No. - 61232620621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
61232020621 WURTH-61232020621 Datasheet
656Kb / 3P
WR-BHD - 2.54MM MALE SMT BOX HEADER
logo
Tyco Electronics
6123212 MACOM-6123212 Datasheet
88Kb / 2P
REC ASSY FOR FH 0.8 B-T-B CONNECTOR 13H 0.5 BOSS LENGTH
6123215-1 MACOM-6123215-1 Datasheet
226Kb / 2P
HARD TRAY ASSY 0.6mm PITCH CARD DGE CONNECTOR
logo
Wurth Elektronik GmbH &...
61232420621 WURTH-61232420621 Datasheet
601Kb / 7P
WR-BHD 2.54mm Male SMT Box Header WR-BHD
001.001
More results


Similar Description - 61232620621

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
6123XX20621 WURTH-6123XX20621 Datasheet
656Kb / 3P
WR-BHD - 2.54MM MALE SMT BOX HEADER
612020235121 WURTH-612020235121 Datasheet
189Kb / 5P
WR-BHD Male Box Header
002.000
612026235121 WURTH-612026235121 Datasheet
189Kb / 5P
WR-BHD Male Box Header
002.000
61201622821 WURTH-61201622821 Datasheet
638Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61202022821 WURTH-61202022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61203422821 WURTH-61203422821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61205022821 WURTH-61205022821 Datasheet
642Kb / 7P
WR-BHD 2.54mm Male Box Header with long lever WR-BHD
003.000
61232420621 WURTH-61232420621 Datasheet
601Kb / 7P
WR-BHD 2.54mm Male SMT Box Header WR-BHD
001.001
61233420621 WURTH-61233420621 Datasheet
601Kb / 7P
WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
61234020621 WURTH-61234020621 Datasheet
601Kb / 7P
WR-BHD 2.54mm Male SMT Box Header WR-BHD
002.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com