Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBJL25J Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBJL25J Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBJL25J
Download  GBJL25J Download
File Size   313.09 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBJL25J Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJL25J Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBJL25J
Download  GBJL25J Click to download

File Size   313.09 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBJL25J Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBJL25J Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - GBJL25J

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJL25J GOOD-ARK-GBJL25J Datasheet
195Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBJL25J TSC-GBJL25J Datasheet
406Kb / 5P
25A, 600V Low VF Standard Bridge Rectifier
Version: C2503
logo
GOOD-ARK Electronics
GBJL25JA GOOD-ARK-GBJL25JA Datasheet
196Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
GBJL25JA GOOD-ARK-GBJL25JA_15 Datasheet
196Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000VForward Current - 25.0 Amperes
GBJL25J GOOD-ARK-GBJL25J_15 Datasheet
195Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 25.0 Amperes
More results


Similar Description - GBJL25J

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1505 TAITRON-TB1505 Datasheet
237Kb / 5P
15.0A Single-Phase Bridge Rectifier
TB1505G TAITRON-TB1505G Datasheet
233Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505GW TAITRON-TB1505GW Datasheet
240Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
15.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBU15005 SMCDIODE-GBU15005 Datasheet
340Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com