Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GBU15005 Datasheet (PDF) - SMC Diode Solutions Co. LTD

GBU15005 Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GBU15005
Download  GBU15005 Download
File Size   340.5 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBU15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBU15005 Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GBU15005
Download  GBU15005 Click to download

File Size   340.5 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Single-Phase 15.0A Glass Passivated Bridge Rectifier

GBU15005 Datasheet (HTML) - SMC Diode Solutions Co. LTD


GBU15005 Product details

Features
 Glass passivated die construction
 Low forward voltage drop
 High current capability
 High surge current capability
 Plastic material-UL flammability 94V-0
 This is a Pb − Free Device
 All SMC parts are traceable to the wafer lot
 Additional testing can be offered upon request




Similar Part No. - GBU15005

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005 Datasheet
190Kb / 2P
15.0 AMP Glass Passivated Bridge Rectifiers
logo
CHENG-YI ELECTRONIC CO....
GBU15005 CHENG-YI-GBU15005 Datasheet
167Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
GBU15005 RFE-GBU15005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Yangzhou yangjie electr...
GBU15005 YANGJIE-GBU15005 Datasheet
265Kb / 2P
SINGLE PHASE 10/15/25/35AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBU15005 SECOS-GBU15005 Datasheet
704Kb / 2P
Voltage 50V ~ 1000V 15.0Amp Glass Passivited Bridge Rectifiers
More results


Similar Description - GBU15005

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150 Datasheet
41Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
List of Unclassifed Man...
TB1505 ETC2-TB1505 Datasheet
237Kb / 5P
15.0A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1505 TAITRON-TB1505 Datasheet
237Kb / 5P
15.0A Single-Phase Bridge Rectifier
TB1505G TAITRON-TB1505G Datasheet
233Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505GW TAITRON-TB1505GW Datasheet
240Kb / 5P
15.0A Glass Passivated Bridge Rectifier
TB1505W TAITRON-TB1505W Datasheet
243Kb / 5P
15.0A Single-Phase Bridge Rectifier
logo
Sanyo Semicon Device
DBA150 SANYO-DBA150_00 Datasheet
22Kb / 2P
15.0A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
GBJL15J SMCDIODE-GBJL15J Datasheet
329Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
GBJL25J SMCDIODE-GBJL25J Datasheet
313Kb / 5P
Single-Phase 15.0A Glass Passivated Bridge Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com