Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFEX3902-Q1 Datasheet (PDF) - Texas Instruments

AFEX3902-Q1 Datasheet PDF - Texas Instruments
Part # AFEX3902-Q1
Download  AFEX3902-Q1 Download
File Size   2589.18 Kbytes
Page   65 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI

AFEX3902-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFEX3902-Q1 Datasheet PDF - Texas Instruments

Part # AFEX3902-Q1
Download  AFEX3902-Q1 Click to download

File Size   2589.18 Kbytes
Page   65 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description AFEx3902-Q1 Smart Analog Front End (AFE) for Multislope Thermal Foldback and LUT-Based Control With I2C and SPI

AFEX3902-Q1 Datasheet (HTML) - Texas Instruments


AFEX3902-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Multislope thermal foldback
– 10-bit analog-to-digital converter (ADC) input
– Digital-to-analog converter (DAC) output
• 10-bit (AFE53902-Q1)
• 8-bit (AFE43902-Q1)
– Pulse Width Modulation (PWM) output with
7‑bit duty cycle
– Standalone operation from nonvolatile memory
(NVM)
– Look-up table (LUT) based parameter
configuration
– Piecewise-linearizer for thermistor
• Automatically detects I2C or SPI
– 1.62-V VIH with VDD = 5.5 V
• VREF/MODE pin selects between programming
and standalone modes
• User-programmable NVM
• Internal, external, or VDD reference
• Wide operating range
– Power supply: 1.8 V to 5.5 V
• Tiny package: 16-pin WQFN (3 mm × 3 mm)

2 Applications
• Automotive rear light
• Automotive headlight

3 Description
The 10-bit AFE53902-Q1 and 8-bit AFE43902-Q1
devices (AFEx3902-Q1) are dual-channel, smart
analog front ends (AFE) targeted for multislope
thermal foldback of LED lighting. The output of
LED lights reduce with an increase in temperature.
Multislope thermal foldback helps maintain a steady
light output from LEDs, irrespective of temperature
change, while limiting the LED temperature to
programmed thresholds.
The AFEx3902-Q1 have an ADC for temperature
input and a DAC or PWM generator as an output.
These devices have an integrated state machine that
is preprogrammed as a multislope thermal foldback
controller. The AFEx3902-Q1 are an excellent
choice for thermal foldback of automotive rear
lights and headlights, as well as horticulture lights.
The AFEx3902-Q1 work independently from the
parameters programed into the NVM, and thus enable
these smart AFEs for processor-less applications and
design reuse. These devices also automatically detect
I2C or SPI, and have an internal reference.




Similar Part No. - AFEX3902-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFEX39XX TI1-AFEX39XX Datasheet
2Mb / 69P
AFEx39xx 12-Bit, 10-Bit, and 8-Bit Smart Analog Front Ends for TEC Control Using Voltage and PWM Output
REVISED JULY 2023
More results


Similar Description - AFEX3902-Q1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB86626 FUJITSU-MB86626 Datasheet
227Kb / 6P
KeyWave AFE ADSL Analog Front End
logo
Intersil Corporation
ISL51002 INTERSIL-ISL51002 Datasheet
357Kb / 32P
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
December 22, 2006
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
Analog Front-End for Power Monitoring, Control, and Protection
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
Analog Front-End for Power Monitoring, Control, and Protection
logo
Intersil Corporation
ISL51002CQZ-110 INTERSIL-ISL51002CQZ-110 Datasheet
638Kb / 33P
10-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
February 29, 2012
logo
Renesas Technology Corp
ISL98003 RENESAS-ISL98003 Datasheet
1Mb / 31P
8-Bit Video Analog Front End (AFE) with Measurement and Auto-Adjust Features
logo
Texas Instruments
AFE539A4 TI-AFE539A4 Datasheet
1Mb / 61P
AFE539A4 Smart Analog Front End (AFE) With Quad-Channel, 10-Bit DAC and ADC for Proportional-Integral (PI) Control With I2C and SPI Interfaces
SBASAC1 ??AUGUST 2021
DAC539E4W TI-DAC539E4W Datasheet
1Mb / 59P
DAC539E4W 10-Bit Smart DAC for LUT-Based Standalone Fault-Management With Auto-Detected I2C or SPI
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com