Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAHF075G120SA Datasheet (PDF) - DACO SEMICONDUCTOR CO.,LTD.

DAHF075G120SA Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.
Part # DAHF075G120SA
Download  DAHF075G120SA Download
File Size   286.68 Kbytes
Page   6 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description IGBT Power Module 1200V/ 75A

DAHF075G120SA Datasheet (PDF)

Go To PDF Page Download Datasheet
DAHF075G120SA Datasheet PDF - DACO SEMICONDUCTOR CO.,LTD.

Part # DAHF075G120SA
Download  DAHF075G120SA Click to download

File Size   286.68 Kbytes
Page   6 Pages
Manufacturer  DACO [DACO SEMICONDUCTOR CO.,LTD.]
Direct Link  http://www.dacosemi.com/
Logo DACO - DACO SEMICONDUCTOR CO.,LTD.
Description IGBT Power Module 1200V/ 75A

DAHF075G120SA Datasheet (HTML) - DACO SEMICONDUCTOR CO.,LTD.


DAHF075G120SA Product details

Features
@ 34mm Fast Switching Trench /
Field Stop IGBT Technology
@ Low Switching Losses
@ Super Fast Diodes.
® High Short Circuit Capability

Applications
® Welder / Power Supply |
UPS Inverter
Industrial Motor Drive




Similar Part No. - DAHF075G120SA

ManufacturerPart #DatasheetDescription
logo
DACO SEMICONDUCTOR CO.,...
DAHF100G120SA DACO-DAHF100G120SA Datasheet
287Kb / 6P
IGBT Power Module 1200V/ 100A
2021-04-14 rev. 1.4
DAHF150G120SA DACO-DAHF150G120SA Datasheet
579Kb / 6P
IGBT Power Module 1200V/ 150A
2023-05-26 rev. 1.5
DAHF150G120SB DACO-DAHF150G120SB Datasheet
512Kb / 5P
IGBT Power Module 1200V/ 150A
2023-07-25 rev. 1.3
DAHF200G120SB DACO-DAHF200G120SB Datasheet
563Kb / 6P
IGBT Power Module 1200V/ 200A
2023-07-25 rev.1.5
DAHF225G120SB DACO-DAHF225G120SB Datasheet
555Kb / 6P
IGBT Power Module 1200V/ 225A
2023-07-25 rev. 1.2
More results


Similar Description - DAHF075G120SA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG1275S-BA1MM LITTELFUSE-MG1275S-BA1MM Datasheet
1Mb / 6P
1200V 75A IGBT Module
logo
MacMic
MMG75J120U MACMIC-MMG75J120U Datasheet
567Kb / 5P
1200V 75A IGBT Module
MMG75J120U6HN MACMIC-MMG75J120U6HN Datasheet
339Kb / 5P
1200V 75A IGBT Module
MMG75J120U6TC MACMIC-MMG75J120U6TC Datasheet
623Kb / 6P
1200V 75A IGBT Module
MMG75J120U6TN MACMIC-MMG75J120U6TN Datasheet
423Kb / 6P
1200V 75A IGBT Module
MMG75J120UZ MACMIC-MMG75J120UZ Datasheet
535Kb / 4P
1200V 75A IGBT Module
MMG75J120UZ6TC MACMIC-MMG75J120UZ6TC Datasheet
472Kb / 4P
1200V 75A IGBT Module
MMG75S120B6HN MACMIC-MMG75S120B6HN Datasheet
451Kb / 5P
1200V 75A IGBT Module
MMG75S120B6TC MACMIC-MMG75S120B6TC Datasheet
359Kb / 6P
1200V 75A IGBT Module
MMG75S120B6TN MACMIC-MMG75S120B6TN Datasheet
457Kb / 5P
1200V 75A IGBT Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com