Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DTQ45N65GN Datasheet (PDF) - DinTek Semiconductor Co,.Ltd

DTQ45N65GN Datasheet PDF - DinTek Semiconductor Co,.Ltd
Part # DTQ45N65GN
Download  DTQ45N65GN Download
File Size   2415.75 Kbytes
Page   15 Pages
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
Description 360mΩ, 650V GaN HEMT With Integrated Driver and Protection

DTQ45N65GN Datasheet (PDF)

Go To PDF Page Download Datasheet
DTQ45N65GN Datasheet PDF - DinTek Semiconductor Co,.Ltd

Part # DTQ45N65GN
Download  DTQ45N65GN Click to download

File Size   2415.75 Kbytes
Page   15 Pages
Manufacturer  DINTEK [DinTek Semiconductor Co,.Ltd]
Direct Link  http://www.daysemi.jp/
Logo DINTEK - DinTek Semiconductor Co,.Ltd
Description 360mΩ, 650V GaN HEMT With Integrated Driver and Protection

DTQ45N65GN Datasheet (HTML) - DinTek Semiconductor Co,.Ltd


DTQ45N65GN Product details

• 650V enhancement mode HEMT with integrated driver
• 360mΩ RDSON
• 5V PWM input
• UVLO protection
• Zero reverse recovery
• Low quiescent current driver
• Adjustable turn-on slew rate
• Dv/Dt immunity both with/without driver-supply
• Low propagation delay for up to 2MHz operation
2.0 Topologies and Applications
• As switching FETs in singles, or in pairs as half-bridges
• AC-DC, DC-DC, DC-AC converters
• PFC applications (totem pole and standard)
• High frequency LLC converters
• Mobile chargers and laptop adapters
• LED and motor drives
• Server power supplies
3.0 Description
The DTQ45N65GN is a 360mΩ, 650V GaN HEMT devicewith integrated driver circuit. The monolithic integration ofdriver minimizes inductance in the gate loop enabling safeand clean switching even at high-voltage high-frequencyoperations.This device makes the applications more efficient/reliable,and also reduces the size of the magnetic componentsdramatically. UVLO function of the device turns-off the HEMTin case VDD voltage droops below its threshold voltage. Aproprietary dv/dt protection circuit protects the HEMT fromdrain-dvdt induced false turn-on even in the absence of VDDsupply. An external resistance between Vreg and RG allowscontrol of drain voltage slew rate for best EMI performance.
1.0 Features




Similar Part No. - DTQ45N65GN

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTQ45N65GS DINTEK-DTQ45N65GS Datasheet
3Mb / 17P
SUPERIORIOR GaN DTQ45N65GS – 360mΩ, 650V GaN HEMT
DTQ45N65GS-EVB DINTEK-DTQ45N65GS-EVB Datasheet
3Mb / 17P
SUPERIORIOR GaN DTQ45N65GS – 360mΩ, 650V GaN HEMT
More results


Similar Description - DTQ45N65GN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMG3410R070 TI1-LMG3410R070_18 Datasheet
1Mb / 33P
600-V 70-m(ohm) GaN with Integrated Driver and Protection
LMG3411R150 TI1-LMG3411R150 Datasheet
774Kb / 27P
600-V 150-m(ohm) GaN with integrated driver and protection
LMG3411R150 TI1-LMG3411R150_19 Datasheet
786Kb / 28P
600-V 150-m廓 GaN With Integrated Driver And Protection
logo
UN Semiconducctor INC
UNG6505N170-PD68 UNSEMI-UNG6505N170-PD68 Datasheet
4Mb / 12P
GaN HEMT integrated Gate Driver
Revision March 1,2022
logo
DinTek Semiconductor Co...
DTQ13N65GN DINTEK-DTQ13N65GN Datasheet
3Mb / 15P
90mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ13N65GS DINTEK-DTQ13N65GS Datasheet
2Mb / 17P
SUPERIORIOR GaN DTQ13N65GS – 90mΩ, 650V GaN HEMT
DTQ35N65GN DINTEK-DTQ35N65GN Datasheet
2Mb / 15P
450mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ45N65GS DINTEK-DTQ45N65GS Datasheet
3Mb / 17P
SUPERIORIOR GaN DTQ45N65GS – 360mΩ, 650V GaN HEMT
DTQ75N65GN DINTEK-DTQ75N65GN Datasheet
1Mb / 15P
180mΩ, 650V GaN HEMT With Integrated Driver and Protection
DTQ75N65GS DINTEK-DTQ75N65GS Datasheet
2Mb / 17P
SUPERIOR GaN DTQ75N65GS – 180mΩ, 650V GaN HEMT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com