Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUC-108TXXXDT Datasheet (PDF) - Inventronics Inc.

EUC-108TXXXDT Datasheet PDF - Inventronics Inc.
Part # EUC-108TXXXDT
Download  EUC-108TXXXDT Download
File Size   863.27 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 108W Three-channel Constant Current IP67 Driver

EUC-108TXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-108TXXXDT Datasheet PDF - Inventronics Inc.

Part # EUC-108TXXXDT
Download  EUC-108TXXXDT Click to download

File Size   863.27 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 108W Three-channel Constant Current IP67 Driver

EUC-108TXXXDT Datasheet (HTML) - Inventronics Inc.


EUC-108TXXXDT Product details

Features
Ultra High Efficiency (Up to 91%)
Three Channels Output
Active Power Factor Correction (0.99 Typical)
Constant Current Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: SCP, OTP, OVP
IP67 and UL Dry / Damp / Wet Location
Class 2 & SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
5 Years Warranty
Description
The EUC-108TxxxDT(ST) series is a 108W, three-channel, constant-current LED driver that operates from 90-
305 Vac input with excellent power factor. It is created for many including flood, tunnel and street, etc. The high efficiency of these drivers and compact them to run cooler, significantly improving reliability and extending product life. To ensure operation, protection is provided against input surge, output over voltage, short circuit, and over temperature.




Similar Part No. - EUC-108TXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-100S035DT INVENTRONICS-EUC-100S035DT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-100S035DV INVENTRONICS-EUC-100S035DV Datasheet
241Kb / 11P
100W Constant Current IP67 Driver
Rev. N
EUC-100S035ST INVENTRONICS-EUC-100S035ST Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
EUC-100S035SV INVENTRONICS-EUC-100S035SV Datasheet
241Kb / 11P
100W Constant Current IP67 Driver
Rev. N
EUC-100S045DT INVENTRONICS-EUC-100S045DT Datasheet
339Kb / 11P
Driving the Lighting Revolution
Rev. L
More results


Similar Description - EUC-108TXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESC-075SXXXDT INVENTRONICS-ESC-075SXXXDT Datasheet
540Kb / 8P
75W Constant Current IP67 Driver
Rev. K
EUC-120TXXXDT INVENTRONICS-EUC-120TXXXDT Datasheet
987Kb / 11P
120W Three-channel Constant Current IP67 Driver
Rev. J
EUC-120TXXXDV INVENTRONICS-EUC-120TXXXDV Datasheet
983Kb / 11P
120W Three-channel Constant Current IP67 Driver
Rev. L
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
144W Four-channel Constant Current IP67 Driver
Rev. I
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. O
EUC-180PXXXDT INVENTRONICS-EUC-180PXXXDT Datasheet
865Kb / 9P
180W Five-channel Constant Current IP67 Driver
Rev. C
EUC-200PXXXDT INVENTRONICS-EUC-200PXXXDT Datasheet
973Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev.L
EUC-200PXXXDV INVENTRONICS-EUC-200PXXXDV Datasheet
959Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev. L
EUC-240HXXXDT INVENTRONICS-EUC-240HXXXDT Datasheet
1Mb / 8P
240W Six-channel Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com