Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EUC-180PXXXDT Datasheet (PDF) - Inventronics Inc.

EUC-180PXXXDT Datasheet PDF - Inventronics Inc.
Part # EUC-180PXXXDT
Download  EUC-180PXXXDT Download
File Size   865.59 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 180W Five-channel Constant Current IP67 Driver

EUC-180PXXXDT Datasheet (PDF)

Go To PDF Page Download Datasheet
EUC-180PXXXDT Datasheet PDF - Inventronics Inc.

Part # EUC-180PXXXDT
Download  EUC-180PXXXDT Click to download

File Size   865.59 Kbytes
Page   9 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 180W Five-channel Constant Current IP67 Driver

EUC-180PXXXDT Datasheet (HTML) - Inventronics Inc.


EUC-180PXXXDT Product details

Features
Ultra High Efficiency (Up to 92.0%)
Five Channels Output
Active Power Factor Correction (0.99 Typical)
Constant Current Output
Lightning Protection
All-Around Protection: SCP, OTP, OVP
Waterproof (IP67) and UL Dry / Damp / Wet Location
Class 2 Output
5 years warranty

Description
The EUC-180PxxxDT(ST) series is a 180W, five-channel, constant-current LED driver
that operates from 90-
305 Vac input with excellent power factor. It is created for flood, tunnel and street lights. The high efficiency of
these drivers and compact metal case enables them to run cooler, significantly improving reliability and
extending product life. To ensure trouble-free operation, protection is provided against input surge, output over
voltage, short circuit, and over temperature.




Similar Part No. - EUC-180PXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-180T210DT INVENTRONICS-EUC-180T210DT Datasheet
627Kb / 8P
180W Three-channel Constant Current Outdoor Driver
Rev. D
EUC-180T210ST INVENTRONICS-EUC-180T210ST Datasheet
627Kb / 8P
180W Three-channel Constant Current Outdoor Driver
Rev. D
More results


Similar Description - EUC-180PXXXDT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUC-108TXXXDT INVENTRONICS-EUC-108TXXXDT Datasheet
863Kb / 10P
108W Three-channel Constant Current IP67 Driver
Rev. E
EUC-120TXXXDT INVENTRONICS-EUC-120TXXXDT Datasheet
987Kb / 11P
120W Three-channel Constant Current IP67 Driver
Rev. J
EUC-120TXXXDV INVENTRONICS-EUC-120TXXXDV Datasheet
983Kb / 11P
120W Three-channel Constant Current IP67 Driver
Rev. L
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
144W Four-channel Constant Current IP67 Driver
Rev. I
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
160W Four-channel Constant Current IP67 Driver
Rev. O
EUC-180T210DT INVENTRONICS-EUC-180T210DT Datasheet
627Kb / 8P
180W Three-channel Constant Current Outdoor Driver
Rev. D
EUC-200PXXXDT INVENTRONICS-EUC-200PXXXDT Datasheet
973Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev.L
EUC-200PXXXDV INVENTRONICS-EUC-200PXXXDV Datasheet
959Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev. L
EUC-240HXXXDT INVENTRONICS-EUC-240HXXXDT Datasheet
1Mb / 8P
240W Six-channel Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com