Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTBA1301 Datasheet (PDF) - CamdenBoss Ltd.

CTBA1301 Datasheet PDF - CamdenBoss Ltd.
Part # CTBA1301
Download  CTBA1301 Download
File Size   286.66 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch pluggable terminal blocks for vertical or 90˚ mounting

CTBA1301 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBA1301 Datasheet PDF - CamdenBoss Ltd.

Part # CTBA1301
Download  CTBA1301 Click to download

File Size   286.66 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5mm pitch pluggable terminal blocks for vertical or 90˚ mounting

CTBA1301 Datasheet (HTML) - CamdenBoss Ltd.


CTBA1301 Product details

Product ove r v i ew
• 2-12 pole interlocking
• Wire protector terminals
• Moulded in black UL94-V0 flame
retardant PA66
• Cable acceptance - 0.32 to 1.3mm2 (28-
16AWG) solid and stranded cable
• Pluggable via pin strip header
• Test probe facility
• Dual horizontal or vertical mounting
• Captive screws




Similar Part No. - CTBA1301

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
logo
Inchange Semiconductor ...
CTB-24 ISC-CTB-24 Datasheet
348Kb / 2P
Schotty Barrier Rectifier
logo
Sanken electric
CTB-24L SANKEN-CTB-24L Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
logo
Inchange Semiconductor ...
CTB-24L ISC-CTB-24L Datasheet
348Kb / 2P
Schotty Barrier Rectifier
logo
Sanken electric
CTB-34 SANKEN-CTB-34 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
More results


Similar Description - CTBA1301

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB26-12 DUBILIER-DBCTB26-12 Datasheet
122Kb / 1P
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com