Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTBA1301 Datasheet(PDF) 1 Page - CamdenBoss Ltd.

Part # CTBA1301
Description  5mm pitch pluggable terminal blocks for vertical or 90˚ mounting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.

CTBA1301 Datasheet(HTML) 1 Page - CamdenBoss Ltd.

  CTBA1301 Datasheet HTML 1Page - CamdenBoss Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCB TERMINAL
BLOCKS
0 02
+44 (0)1638 716101 | sales@camdenboss.com | www.camdenboss.com
We operate a constant improvement policy, our products are subject to change without notice.
Vers 1
77
081
0 95
100
151
TERMINAL STRIPS
WIRE TO BOARD
CONNECTORS
CIRCULAR
CONNECTORS
IP68 CONNECTORS
PCB TERMINAL BLOCK S
158
INTERFACE
MODULES AND
RELAY BASES
SCREWLES S
S TANDARD
PL UGGABLES
FM 28614
EMS 613558
5mm pit ch pluggable t erminal
blocks f or v ertical or 90˚ mounting
Pr oduct o v ervie w
• 2-12 pole interlocking
• Wire protector terminals
• Moulded in black UL94-V0 flame
retardant PA66
• Cable acceptance - 0.32 to 1.3mm2 (28-
16AWG) solid and stranded cable
• Pluggable via pin strip header
• Test probe facility
• Dual horizontal or vertical mounting
• Captive screws
• C
US approved
PART NO.
POLES
LENG TH
CTBA1301/2
2
10mm
CTBA1301/3
3
15mm
CTBA1301/4
4
20mm
CTBA1301/5
5
25mm
CTBA1301/6
6
30mm
CTBA1301/7
7
35mm
CTBA1301/8
8
40mm
CTBA1301/9
9
45mm
CTBA1301/10
10
50mm
CTBA1301/11
11
55mm
CTBA1301/12
12
60mm
CTBA1301
PART NO.
POLES
CTBA1301/PS2
2
CTBA1301/PS3
3
CTBA1301/PS4
4
CTBA1301/PS5
5
CTBA1301/PS6
6
CTBA1301/PS7
7
CTBA1301/PS8
8
CTBA1301/PS9
9
CTBA1301/PS10
10
CTBA1301/PS11
11
CTBA1301/PS12
12
CTBA1301/PS13
13
CTBA1301/PS14
14
CTBA1301/PS15
15
CTBA1301/PS16
16
CTBA1301/PS17
17
CTBA1301/PS18
18
CTBA1301/PS19
19
CTBA1301/PS20
20
CTBA1301/PS21
21
CTBA1301/PS22
22
CTBA1301/PS23
23
CTBA1301/PS24
24
CTBA1301 PS
SPECIFICATION
Rating
UL=10A/300V
IEC=17.5A/250V
Insulation resistance
500M Ω/500V
Withstand voltage
AC2000V/1min
Contact resistance
20mΩ (max)
Working temperature
-30°C to +120°C
Moulding
UL94-V0 flame retardant PA66
Pin/terminal
Tin plated brass
Wire protector
Phosphor bronze, nickel plated
Screw/torque
M2.5 steel, zinc plated 0.4Nm
3
2.5 5
2.8
5mm pit ch 2 4 pin
s trip header
• Supplied in 24-way or pre-cut to size
• Easily cut to required length
• Moulded in UL94-V0 flame retardant
PBT
• Anti solder wicking
• C
US approved
SPECIFICATION
Rating
UL=10A/300V
IEC=18A/250V
Insulation resistance
500M Ω/DC500V
Withstand Voltage
AC2000V/1min
Contact Resistance
20mΩ (max)
Working temperature
-40°C to +105°C
Soldering condition
250°C/ 5 seconds
Moulding
UL94-V0 flame retardant PBT
Pins
Brass tin plated
Recommended PCB
hole size
ø1.6mm
5
1.3
Vers 2


Similar Part No. - CTBA1301

ManufacturerPart #DatasheetDescription
logo
Sanken electric
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
logo
Inchange Semiconductor ...
CTB-24 ISC-CTB-24 Datasheet
348Kb / 2P
Schotty Barrier Rectifier
logo
Sanken electric
CTB-24L SANKEN-CTB-24L Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
logo
Inchange Semiconductor ...
CTB-24L ISC-CTB-24L Datasheet
348Kb / 2P
Schotty Barrier Rectifier
logo
Sanken electric
CTB-34 SANKEN-CTB-34 Datasheet
32Kb / 2P
Schottky Barrier Diodes (Center-tap) 40V
More results

Similar Description - CTBA1301

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB10-2 DUBILIER-DBCTB10-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB26-12 DUBILIER-DBCTB26-12 Datasheet
122Kb / 1P
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB30-24 DUBILIER-DBCTB30-24 Datasheet
122Kb / 1P
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com