Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1952607 Datasheet (PDF) - PHOENIX CONTACT

1952607 Datasheet PDF - PHOENIX CONTACT
Part # 1952607
Download  1952607 Download
File Size   461.2 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/12-G1-3,5 RNP14THR - PCB header

1952607 Datasheet (PDF)

Go To PDF Page Download Datasheet
1952607 Datasheet PDF - PHOENIX CONTACT

Part # 1952607
Download  1952607 Click to download

File Size   461.2 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDNV 1,5/12-G1-3,5 RNP14THR - PCB header

1952607 Datasheet (HTML) - PHOENIX CONTACT


1952607 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 24,
number of rows: 2, number of positions: 12, number of connections: 24, product range: MCDNV
1,5/..-G1-RN-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose,
type of packaging: packed in cardboard, Article with engagement nose. The pin length is 14 mm.
User information and design recommendations on Through Hole Reflow Technology can be
found at: "Downloads"

Your advantages
• Designed for integration into the SMT soldering process
• Intuitive locking mechanism prevents accidental disconnection
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1952607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952636 PHOENIX-1952636 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/15-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952652 PHOENIX-1952652 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/17-G1-3,5 RNP14THR
1952665 PHOENIX-1952665 Datasheet
432Kb / 10P
MCDNV 1,5/18-G1-3,5 RNP14THR - PCB header
More results


Similar Description - 1952607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952678 PHOENIX-1952678 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/19-G1-3,5 RNP14THR
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952636 PHOENIX-1952636 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/15-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952500 PHOENIX-1952500 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 2-G1-3,5 RNP14THR
1952513 PHOENIX-1952513 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 3-G1-3,5 RNP14THR
1952526 PHOENIX-1952526 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 4-G1-3,5 RNP14THR
1952539 PHOENIX-1952539 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 5-G1-3,5 RNP14THR
1952568 PHOENIX-1952568 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,5 RNP14THR
1952555 PHOENIX-1952555 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 7-G1-3,5 RNP14THR
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com