Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1952607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1952607
Description  MCDNV 1,5/12-G1-3,5 RNP14THR - PCB header
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1952607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1952607 Datasheet HTML 1Page - PHOENIX CONTACT 1952607 Datasheet HTML 2Page - PHOENIX CONTACT 1952607 Datasheet HTML 3Page - PHOENIX CONTACT 1952607 Datasheet HTML 4Page - PHOENIX CONTACT 1952607 Datasheet HTML 5Page - PHOENIX CONTACT 1952607 Datasheet HTML 6Page - PHOENIX CONTACT 1952607 Datasheet HTML 7Page - PHOENIX CONTACT 1952607 Datasheet HTML 8Page - PHOENIX CONTACT 1952607 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 24,
number of rows: 2, number of positions: 12, number of connections: 24, product range: MCDNV
1,5/..-G1-RN-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose,
type of packaging: packed in cardboard, Article with engagement nose. The pin length is 14 mm.
User information and design recommendations on Through Hole Reflow Technology can be
found at: "Downloads"
Your advantages
Designed for integration into the SMT soldering process
•
Intuitive locking mechanism prevents accidental disconnection
•
Vertical connection enables multi-row arrangement on the PCB
•
Commercial data
Item number
1952607
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA02
Product key
AABTGC
Catalog page
Page 221 (C-1-2013)
GTIN
4017918919719
Weight per piece (including packing)
8.1 g
Weight per piece (excluding packing)
6.734 g
Customs tariff number
85366930
Country of origin
DE
MCDNV 1,5/12-G1-3,5 RNP14THR - PCB header
1952607
https://www.phoenixcontact.com/us/products/1952607
Mar 12, 2024, 6:12 AM
Page 1 (11)


Similar Part No. - 1952607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952636 PHOENIX-1952636 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/15-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952652 PHOENIX-1952652 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/17-G1-3,5 RNP14THR
1952665 PHOENIX-1952665 Datasheet
432Kb / 10P
MCDNV 1,5/18-G1-3,5 RNP14THR - PCB header
More results

Similar Description - 1952607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1952678 PHOENIX-1952678 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/19-G1-3,5 RNP14THR
1952623 PHOENIX-1952623 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/14-G1-3,5 RNP14THR
1952636 PHOENIX-1952636 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/15-G1-3,5 RNP14THR
1952649 PHOENIX-1952649 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/16-G1-3,5 RNP14THR
1952500 PHOENIX-1952500 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 2-G1-3,5 RNP14THR
1952513 PHOENIX-1952513 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 3-G1-3,5 RNP14THR
1952526 PHOENIX-1952526 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 4-G1-3,5 RNP14THR
1952539 PHOENIX-1952539 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 5-G1-3,5 RNP14THR
1952568 PHOENIX-1952568 Datasheet
141Kb / 7P
Feed-through header - MCDNV 1,5/ 8-G1-3,5 RNP14THR
1952555 PHOENIX-1952555 Datasheet
140Kb / 7P
Feed-through header - MCDNV 1,5/ 7-G1-3,5 RNP14THR
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com