|
1.2 Product Description:
YIC71009EBGG is a compact, high performance and ultra low power consumption, standalone multiple GNSS module. The module can simultaneously acquire and track multiple satellite constellations that include GPS, GLONASS, BEIDOU, GALILEO, QZSS and SBAS. It features low power and small form factor.
YIC71009EBGG is suitable for the following applications:
‧ Wearable and portable
‧ Automotive navigation
‧ Personal positioning
‧ Fleet management
‧ Mobile phone navigation
‧ Marine navigation
‧ Any application requires ultra low power consumption
Product Features:
‧ Ultra low power consumption: 6mA typ.
‧ Accurate trajectory in harsh environments
‧ High performance and low power consumption GNSS Chipset
‧ Very high sensitivity
‧ Extremely fast TTFF (Time To First Fix) at low signal level
‧ Built-in LNA
‧ Embedded SPI flash
‧ Compact size suitable for space-sensitive application
‧ One size component, easy to mount on another PCB board
‧ Support NMEA 0183 and binary protocol
‧ SMD type with stamp holes
|