Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YIC71612EBGG Datasheet (PDF) - Yuechung International Corp.

YIC71612EBGG Datasheet PDF - Yuechung International Corp.
Part # YIC71612EBGG
Download  YIC71612EBGG Download
File Size   1575.49 Kbytes
Page   19 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description Ultra Low Power GNSS Receiver Module

YIC71612EBGG Datasheet (PDF)

Go To PDF Page Download Datasheet
YIC71612EBGG Datasheet PDF - Yuechung International Corp.

Part # YIC71612EBGG
Download  YIC71612EBGG Click to download

File Size   1575.49 Kbytes
Page   19 Pages
Manufacturer  YIC [Yuechung International Corp.]
Direct Link  https://www.yic.com.tw/en/home-en/
Logo YIC - Yuechung International Corp.
Description Ultra Low Power GNSS Receiver Module

YIC71612EBGG Datasheet (HTML) - Yuechung International Corp.


YIC71612EBGG Product details

1. Product Information
1.1 Product Description
YIC71612EBGG is a complete ultra-low power consumption, small size GPS&GLONASS engine module with ultra-high sensitivity. The GPS&GLONASS module signal is applied to the antenna input of the module, and the complete serial data information including position, speed and time information is presented on the serial interface through the NMEA protocol or a custom protocol.
The –165dBm tracking sensitivity module extends the coverage to locate urban canyons and dense foliage environments. In addition, ultra-low power consumption design helps IoT products extend battery life, which is suitable for wearable, portable devices, e.g. PND, drones, smart helmets, cameras, car navigation systems, and so on.
Applications
 Automotive Navigation
 Personal Positioning
 Fleet Management
 Marine Navigation
 Wearable and portable
 Any Application at Ultra-Low Power Consumption

1.2 Product Features
 Multi Sleep Mode: 0.06mA Typical
 Ultra-Low Power Consumption: Max 8mA@3.3V
 Ultra High Track Sensitivity: -165dBm
 Build on High Performance, Low-power SONY Chipset
 Built in High Gain LNA
 Extremely Fast TTFF at Low Signal Level
 Works With Passive and Active Antenna
 NMEA-0183 Compliant Protocol or Custom Protocol
 RoHS Compliant




Similar Part No. - YIC71612EBGG

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
YIC71009EBGG YIC-YIC71009EBGG Datasheet
1Mb / 16P
Ultra Low Power GPS & GLONASS Receiver Module
YIC71513PGMGG YIC-YIC71513PGMGG Datasheet
663Kb / 13P
Ultra Low Power GPS & GLONASS Antenna Module
More results


Similar Description - YIC71612EBGG

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4120L SIGE-SE4120L Datasheet
129Kb / 2P
GNSS Receiver IC
logo
Quectel Wireless Soluti...
L26-T QUECTEL-L26-T Datasheet
425Kb / 2P
Ultra-Compact GNSS Timing Module
L76-L QUECTEL-L76-L Datasheet
1Mb / 2P
Extremely Compact GNSS Module with Ultra Low Power Consumption
logo
Linx Technologies
MDEV-GNSS-GM LINX-MDEV-GNSS-GM Datasheet
1Mb / 31P
GM Series GNSS Receiver Module
2017
logo
List of Unclassifed Man...
ORG4572 ETC-ORG4572 Datasheet
1Mb / 40P
GNSS RECEIVER MODULE
Revision 3.0 November 23, 2014
logo
Yuechung International ...
YIC51009EBGGBL5 YIC-YIC51009EBGGBL5 Datasheet
1Mb / 19P
Ultra Low Power Sub-1 Meter L1L5 GNSS Module
Rev. 1.0
logo
STMicroelectronics
TESEO-LIV3FL STMICROELECTRONICS-TESEO-LIV3FL Datasheet
1Mb / 34P
Tiny low power GNSS module
17-Aug-2022
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC51612EBGGBL5 YIC-YIC51612EBGGBL5 Datasheet
1Mb / 19P
Ultra Low Power Sub-1 Meter L1L5 GNSS Module
YIC73030PGMGG YIC-YIC73030PGMGG Datasheet
1Mb / 16P
Ultra Low Power GNSS Antenna Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com