Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

US1004FL Datasheet (PDF) - Won-Top Electronics

US1004FL Datasheet PDF - Won-Top Electronics
Part # US1004FL
Download  US1004FL Download
File Size   52.11 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE

US1004FL Datasheet (PDF)

Go To PDF Page Download Datasheet
US1004FL Datasheet PDF - Won-Top Electronics

Part # US1004FL
Download  US1004FL Click to download

File Size   52.11 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE

US1004FL Datasheet (HTML) - Won-Top Electronics


US1004FL Product details

Low Profile 1.08mm Max. Case Height
Glass Passivated Die Construction
Low Forward Voltage Drop, High Efficiency
Surge Overload Rating to 30A Peak
Ultra-Fast Recovery Time
Ideally Suited for Automatic Assembly
Plastic Material – UL Recognition Flammability
Classification 94V-0




Similar Part No. - US1004FL

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
US1004FL PANJIT-US1004FL Datasheet
126Kb / 3P
SMALL SURFACE MOUNT ULTRA FAST DIODES
US1004FL PANJIT-US1004FL Datasheet
82Kb / 3P
SMALL SURFACE MOUNT FAST DIODES
logo
YENYO TECHNOLOGY Co., L...
US1004FL YENYO-US1004FL Datasheet
250Kb / 2P
1.0A Ultra Fast Recovery Rectifier
logo
Nanjing International G...
US1004FL DGNJDZ-US1004FL Datasheet
292Kb / 3P
1 Amp Ultra Fast Recovery
logo
Zibo Seno Electronic En...
US1004FL ZSELEC-US1004FL Datasheet
150Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST RECOVERY DIODE
More results


Similar Description - US1004FL

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER101G WTE-HER101G Datasheet
57Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF1A WTE-UF1A_06 Datasheet
47Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
UF4001G WTE-UF4001G Datasheet
56Kb / 4P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
US1A WTE-US1A_06 Datasheet
53Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
1H1G ZSELEC-1H1G Datasheet
134Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
EGF1A ZSELEC-EGF1A Datasheet
150Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
EGP10A ZSELEC-EGP10A Datasheet
117Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
HER101G ZSELEC-HER101G Datasheet
119Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF100G ZSELEC-UF100G Datasheet
89Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
UG1001 ZSELEC-UG1001 Datasheet
87Kb / 2P
1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com