Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FQD17P06TM Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FQD17P06TM Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FQD17P06TM
Download  FQD17P06TM Download
File Size   1117.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

FQD17P06TM Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD17P06TM Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FQD17P06TM
Download  FQD17P06TM Click to download

File Size   1117.28 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -60V P-Channel MOSFET

FQD17P06TM Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FQD17P06TM Product details

Description
This advanced MOSFET technology has been es pecially tailored
to reduce on-st ate resistance, and to provi de super ior sw itching
performa nce and high avala nche energy strength . These device s
are suitable for switched mode powe r supplies , audio ampl ifier,
DC motor control, and variable switching power applications.

Features
VDS (V) = -60V
ID = -12A (VGS = -10V)
RDS(ON) < 135mΩ (VGS = -10V)




Similar Part No. - FQD17P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17P06TM FAIRCHILD-FQD17P06TM Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
logo
BYCHIP ELECTRONICS CO.,...
FQD17P06TM BYCHIP-FQD17P06TM Datasheet
912Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
ON Semiconductor
FQD17P06TM ONSEMI-FQD17P06TM Datasheet
1Mb / 11P
P-Channel QFET® MOSFET -60 V, -12 A, 135 mΩ
April 2014 Rev C3
More results


Similar Description - FQD17P06TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com