Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FQD17P06TM Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FQD17P06TM
Description  -60V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FQD17P06TM Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FQD17P06TM Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FQD17P06TM Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Typical Performance Characteristics
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
∝
No te s :
1 . Z
ヨ
JC(t ) = 2 . 8 5 ∩ /W M a x .
2 . D u ty F a c to r, D = t
1 /t 2
3 . T
JM - T C = P DM * Z ヨ JC(t )
s ingle puls e
D= 0 .5
0.02
0.2
0.05
0.1
0.01
25
50
75
100
125
150
0
2
4
6
8
10
12
T
C, Case Temperature [∩ ]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
∝
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
∝
Notes :
1. V
GS = -10 V
2. I
D = -6.0 A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
∝
Notes :
1. V
GS = 0 V
2. I
D = -250 レA
T
J, Junction Temperature [
oC]
-V
DS, Drain-Source Voltage [V]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
t
1 , S q uar e W av e P uls e D ur at ion [ s ec ]
Figure 11. Transient Thermal Response Curve
t1
PDM
t2
Rev:2023A2
4
FQD17P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com