Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFCP2FD18-004ST Datasheet (PDF) - Littelfuse

LFCP2FD18-004ST Datasheet PDF - Littelfuse
Part # LFCP2FD18-004ST
Download  LFCP2FD18-004ST Download
File Size   365.77 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LFCP SERIES FUSED COORDINATION PANEL

LFCP2FD18-004ST Datasheet (PDF)

Go To PDF Page Download Datasheet
LFCP2FD18-004ST Datasheet PDF - Littelfuse

Part # LFCP2FD18-004ST
Download  LFCP2FD18-004ST Click to download

File Size   365.77 Kbytes
Page   2 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description LFCP SERIES FUSED COORDINATION PANEL

LFCP2FD18-004ST Datasheet (HTML) - Littelfuse


LFCP2FD18-004ST Product details

Description
The Littelfuse LFCP series fused coordination panel is a compact
fusible and easily configurable pre-engineered panel for circuits
requiring selective coordination. Rated up to 600 V ac, this
coordination panel saves time and money, plus increases safety,
by minimizing system downtime.
The advanced LFCP series is available with 200 kA SCCR rating
using Class CC and J fuses and can be used on branch and feeder/
service entrance circuits.
Features/Benefits
Meets NEC selective coordination code requirements
Main lug only or main fused disconnect options available
Class CC fuse holders have built-in open-circuit indication
35 A–200 A Class J fuses are available with open-circuit
indication
Uses standard disconnects and Class CC and J fuses
Feed-through lugs available
Neutral options are configurable for service entrance
Ground options can be field isolated
Copper bus standard
Surface mount
Available in standard 20” width enclosure for easy
installation
Door-in-door construction standard
NEMA 1 indoor enclosure




Similar Part No. - LFCP2FD18-004ST

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
LFCPH100145-10 SYNERGY-LFCPH100145-10 Datasheet
500Kb / 8P
PARALLEL ADDRESSABLE SYNTHESIZER
LFCPH181254-10 SYNERGY-LFCPH181254-10 Datasheet
565Kb / 8P
Parallel addressable SYNTHESIZER
logo
Lattice Semiconductor
LFCPNX LATTICE-LFCPNX Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
LFCPNX-100-7ABG-256A LATTICE-LFCPNX-100-7ABG-256A Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
LFCPNX-100-7ABG-256C LATTICE-LFCPNX-100-7ABG-256C Datasheet
4Mb / 185P
CertusPro-NX Family
December 2022
More results


Similar Description - LFCP2FD18-004ST

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EP2M23012GCC COOPER-EP2M23012GCC Datasheet
136Kb / 2P
Coordination Module
logo
JDS Uniphase Corporatio...
AFF-1130 JDSU-AFF-1130 Datasheet
116Kb / 4P
Attenuator, Fused Fiber
logo
OPLINK Communications I...
SWDM531SP OPLINK-SWDM531SP Datasheet
284Kb / 2P
Fused Single-Mode WDM
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
Fused Fiber Coupler
SWDM54 OPLINK-SWDM54 Datasheet
284Kb / 2P
Fused Single-Mode WDM
logo
Kemet Corporation
T496C106M016ATE2K0 KEMET-T496C106M016ATE2K0 Datasheet
2Mb / 19P
Tantalum Surface Mount Capacitors ??Fused T496 Series Fused MnO2
logo
TEMEX
CFPX3000 TEMEX-CFPX3000 Datasheet
409Kb / 7P
A range of European Space Components Coordination (ESCC ) approved crystals
logo
Adam Technologies, Inc.
TDK-XX-FH ADAM-TECH-TDK-XX-FH Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
TDK-XX-FH-1 ADAM-TECH-TDK-XX-FH-1 Datasheet
157Kb / 1P
FUSED TERMINAL EURO STANDARD
logo
List of Unclassifed Man...
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com