Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LFCP2FD18-004ST Datasheet(PDF) 2 Page - Littelfuse

Part # LFCP2FD18-004ST
Description  LFCP SERIES FUSED COORDINATION PANEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFCP2FD18-004ST Datasheet(HTML) 2 Page - Littelfuse

  LFCP2FD18-004ST Datasheet HTML 1Page - Littelfuse LFCP2FD18-004ST Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Littelfuse.com/LFCP
© 2021 Littelfuse, Inc.
Rev: 0-A-072921
2 of 2
Pre-Engineered Solutions Datasheet
LFCP SERIES FUSED COORDINATION PANEL
Part Numbering System
ENCLOSURE
SIZE
PANEL
CIRCUIT
"A"
DIMENSIONAL
HEIGHT
"B"
DIMENSIONAL
HEIGHT
TYPE(S)
MAIN WIRE
RANGE (AWG)
NEUTRAL WIRE
RANGE (AWG)
GROUND WIRE
RANGE (AWG)
FEED-THROUGH
WIRE RANGE
(AWG)
20"Wx50"H
200 A
1273.2
[50.125]
1133.5
[44.625]
MLO
6–300 kcmil
4–600 kcmil
6–350 kcmil
N/A
Fused Disconnect
4–300 kcmil
4–600 kcmil
6–350 kcmil
6–3/0
100 A
Fused Disconnect
14–2/0
6–350 kcmil
6–350 kcmil
6–3/0
20"Wx32"H
175 A
816.0
[32.125]
676.3
[26.625]
MLO
6–3/0
6–350 kcmil*
4–600 kcmil*
6–350 kcmil
N/A
60 A
Fused Disconnect
14–4
6–350 kcmil
6–350 kcmil
6–3/0
Physical Characteristics
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.
Warranty – Visit www.littelfuse.com/warranty for details.
Note: 200 % neutral wire ranges are shown.
*Dependent on specific panel amperage to provide 200 % rated neutral.
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
LFCP-ASSEMBLY for
Datasheet
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
4/21/2021
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
LFCP Drawing for Datasheet
NTS
CRITICAL CHARACTERISTIC FOR PART SAFETY/COMPLIANCE
<S>
Front View with Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
152.4
[6.00]
508.0
[20.00]
511.2
[20.13]
422.3
[16.63]
B
A
Door in Door Assembly
with Catch & Lock
Series
A mm [in]
B mm [in]
LFCP2FD
1273.2
[50.125]
1133.5
[44.625]
LFCP2ML
1273.2
[50.125]
1133.5
[44.625]
LFCP1FD
1273.2
[50.125]
1133.5
[44.625]
LFCP1ML
816.0
[32.125]
676.3
[26.625]
LFCP6FD
816.0
[32.125]
676.3
[26.625]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
LFCP-ASSEMBLY for
Datasheet
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
4/21/2021
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
LFCP Drawing for Datasheet
NTS
CRITICAL CHARACTERISTIC FOR PART SAFETY/COMPLIANCE
<S>
Front View with Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
152.4
[6.00]
508.0
[20.00]
511.2
[20.13]
422.3
[16.63]
B
A
Door in Door Assembly
with Catch & Lock
Series
A mm [in]
B mm [in]
LFCP2FD
1273.2
[50.125]
1133.5
[44.625]
LFCP2ML
1273.2
[50.125]
1133.5
[44.625]
LFCP1FD
1273.2
[50.125]
1133.5
[44.625]
LFCP1ML
816.0
[32.125]
676.3
[26.625]
LFCP6FD
816.0
[32.125]
676.3
[26.625]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
LFCP-ASSEMBLY for
Datasheet
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
4/21/2021
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
LFCP Drawing for Datasheet
NTS
CRITICAL CHARACTERISTIC FOR PART SAFETY/COMPLIANCE
<S>
Front View with Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
152.4
[6.00]
508.0
[20.00]
511.2
[20.13]
422.3
[16.63]
B
A
Door in Door Assembly
with Catch & Lock
Series
A mm [in]
B mm [in]
LFCP2FD
1273.2
[50.125]
1133.5
[44.625]
LFCP2ML
1273.2
[50.125]
1133.5
[44.625]
LFCP1FD
1273.2
[50.125]
1133.5
[44.625]
LFCP1ML
816.0
[32.125]
676.3
[26.625]
LFCP6FD
816.0
[32.125]
676.3
[26.625]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
LFCP-ASSEMBLY for
Datasheet
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
4/21/2021
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
LFCP Drawing for Datasheet
NTS
CRITICAL CHARACTERISTIC FOR PART SAFETY/COMPLIANCE
<S>
Front View with Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
152.4
[6.00]
508.0
[20.00]
511.2
[20.13]
422.3
[16.63]
B
A
Door in Door Assembly
with Catch & Lock
Series
A mm [in]
B mm [in]
LFCP2FD
1273.2
[50.125]
1133.5
[44.625]
LFCP2ML
1273.2
[50.125]
1133.5
[44.625]
LFCP1FD
1273.2
[50.125]
1133.5
[44.625]
LFCP1ML
816.0
[32.125]
676.3
[26.625]
LFCP6FD
816.0
[32.125]
676.3
[26.625]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
LFCP-ASSEMBLY for
Datasheet
Littelfuse® REVISION DRWGNO.
TITLE
C
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
4/21/2021
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
LFCP Drawing for Datasheet
NTS
CRITICAL CHARACTERISTIC FOR PART SAFETY/COMPLIANCE
<S>
Front View with Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
152.4
[6.00]
508.0
[20.00]
511.2
[20.13]
422.3
[16.63]
B
A
Door in Door Assembly
with Catch & Lock
Series
A mm [in]
B mm [in]
LFCP2FD
1273.2
[50.125]
1133.5
[44.625]
LFCP2ML
1273.2
[50.125]
1133.5
[44.625]
LFCP1FD
1273.2
[50.125]
1133.5
[44.625]
LFCP1ML
816.0
[32.125]
676.3
[26.625]
LFCP6FD
816.0
[32.125]
676.3
[26.625]
Dimensions Millimeters (inches)
LFCP6
= Littlefuse Catalog Number LFCP6FD30-004SBT
FD
30
00
S
4
B
T
–
Side View
Front View with
Door Assembly Removed
Front Trim
Type 1 (NEMA) Enclosure
Door in Door Assembly
with Catch & Lock
LITTELFUSE PANEL
CATALOG NUMBER
MAIN DEVICE
TOTAL BRANCH
CIRCUITS
60 A BRANCH CIRCUITS
(AVAILABLE IN 3 POLE ONLY) PANEL VOLTAGE
SURGE
PROTECTION
FEED
BUSBAR
PLATING
Required
Required
Required
Required
Required
Optional
Optional
Optional
Catalog
Number
Rating
Type
Code Quantity Code
Quantity
Code
Type
Code
Type
Code
Type
Code
Type
Code
LFCP6
LFCP1
LFCP2
60 A
100 A
200 A
Fused
Disconnect
FD
18
24
30
36
42
18
24
30
36
42
0
3
6
9
12
00
03
06
09
12
120/208 V
277/480 V
2
4
SPD2
Series
S
Top
(Standard) Blank
Un-plated
(Standard) Blank
Main Lug
Only
ML
Bottom
B
Tin
T
Silver
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com