Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP74LVC2G14 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP74LVC2G14 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP74LVC2G14
Download  TP74LVC2G14 Download
File Size   3261.12 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT

TP74LVC2G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP74LVC2G14 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP74LVC2G14
Download  TP74LVC2G14 Click to download

File Size   3261.12 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT

TP74LVC2G14 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP74LVC2G14 Product details

Features

'» Operation Voltage Range: 1.65V ~ 5.5V

« 5V Tolerant Input/Output for Interfacing
with 5V logic

+24mA Output Drive (VCC=3.0V)

'« CMOS Low-Power Consumption and
High Noise Immunity

» ESD Protection Exceeds JESD 22
-2000-V Human-Body Model (A114-A)

-200-V Machine Model (A115-A)

-1000-V Charged-Device Model (C101)




Similar Part No. - TP74LVC2G14

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP74LVC2G17 TECHPUBLIC-TP74LVC2G17 Datasheet
4Mb / 8P
DUAL SCHMITT-TRIGGER BUFFER
TP74LVC2G17C6 TECHPUBLIC-TP74LVC2G17C6 Datasheet
4Mb / 8P
DUAL SCHMITT-TRIGGER BUFFER
TP74LVC2G17D6 TECHPUBLIC-TP74LVC2G17D6 Datasheet
4Mb / 8P
DUAL SCHMITT-TRIGGER BUFFER
TP74LVC2G17N6 TECHPUBLIC-TP74LVC2G17N6 Datasheet
4Mb / 8P
DUAL SCHMITT-TRIGGER BUFFER
TP74LVC2G17S6 TECHPUBLIC-TP74LVC2G17S6 Datasheet
4Mb / 8P
DUAL SCHMITT-TRIGGER BUFFER
More results


Similar Description - TP74LVC2G14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
NXP Semiconductors
74LVC14A PHILIPS-74LVC14A Datasheet
95Kb / 10P
Hex inverting Schmitt-trigger with 5V tolerant input
1998 Apr 28
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14 Datasheet
82Kb / 11P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
Inverter with Schmitt-trigger Input
HD74LV1G14A HITACHI-HD74LV1G14A Datasheet
54Kb / 9P
Inverter with Schmitt-trigger Input
logo
Fairchild Semiconductor
74LCX14 FAIRCHILD-74LCX14_08 Datasheet
766Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14 Datasheet
151Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
U74LVC2G14 UTC-U74LVC2G14_10 Datasheet
143Kb / 5P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
logo
Fairchild Semiconductor
74LCX14MX FAIRCHILD-74LCX14MX Datasheet
777Kb / 13P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
logo
ON Semiconductor
74LCX14 ONSEMI-74LCX14 Datasheet
756Kb / 14P
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs
December 2013 Rev. 1.7.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com