Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP74LVC2G17D6 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TP74LVC2G17D6 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TP74LVC2G17D6
Download  TP74LVC2G17D6 Download
File Size   4623.78 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description DUAL SCHMITT-TRIGGER BUFFER

TP74LVC2G17D6 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP74LVC2G17D6 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TP74LVC2G17D6
Download  TP74LVC2G17D6 Click to download

File Size   4623.78 Kbytes
Page   8 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description DUAL SCHMITT-TRIGGER BUFFER

TP74LVC2G17D6 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TP74LVC2G17D6 Product details

Features
» Wide Supply Voltage Range From 1.65V To 5.5V.
« 5V tolerant input/output for interfacing with

5V logic
» £24-mA Output Drive at 3.3 V/
Latch-up performance exceeds 100mA
» ESD Protection Exceeds JESD 22

~2000-V Human-Body Model (A114-A)

-200-V Machine Model (A115-A)
~1000-V Charged-Device Model (C101)




Similar Part No. - TP74LVC2G17D6

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP74LVC2G14 TECHPUBLIC-TP74LVC2G14 Datasheet
3Mb / 6P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
TP74LVC2G14C6 TECHPUBLIC-TP74LVC2G14C6 Datasheet
3Mb / 6P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
TP74LVC2G14S6 TECHPUBLIC-TP74LVC2G14S6 Datasheet
3Mb / 6P
DUAL SCHMITT-TRIGGER INVERTER WITH 5V TOLERANT INPUT
More results


Similar Description - TP74LVC2G17D6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17 Datasheet
326Kb / 13P
DUAL SCHMITT TRIGGER BUFFER
SN74LVC2G17-Q1 TI-SN74LVC2G17-Q1 Datasheet
129Kb / 7P
DUAL SCHMITT-TRIGGER BUFFER
logo
Renesas Technology Corp
HD74LVC1G17 RENESAS-HD74LVC1G17 Datasheet
2Mb / 8P
Schmitt-trigger Buffer
logo
ON Semiconductor
NLX2G17 ONSEMI-NLX2G17 Datasheet
97Kb / 8P
Dual Schmitt-Trigger Buffer
March, 2008 - Rev. 0
logo
Texas Instruments
SN74LVC2G17 TI-SN74LVC2G17_09 Datasheet
599Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI-SN74LVC2G17_10 Datasheet
600Kb / 15P
DUAL SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
DUAL SCHMITT TRIGGER BUFFER
Rev 3
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17 Datasheet
141Kb / 5P
DUAL SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC2G17-EP TI1-SN74LVC2G17-EP Datasheet
542Kb / 12P
DUAL SCHMITT-TRIGGER BUFFER
SN74LVC2G17 TI1-SN74LVC2G17_16 Datasheet
1Mb / 29P
SN74LVC2G17 Dual Schmitt-Trigger Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com