Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet (PDF) - TEWS Technologies GmbH

TIP102 Datasheet PDF - TEWS Technologies GmbH
Part # TIP102
Download  TIP102 Download
File Size   170.27 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Motion Controller using Incremental Encoder

TIP102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP102 Datasheet PDF - TEWS Technologies GmbH

Part # TIP102
Download  TIP102 Click to download

File Size   170.27 Kbytes
Page   2 Pages
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH
Description Motion Controller using Incremental Encoder

TIP102 Datasheet (HTML) - TEWS Technologies GmbH


TIP102 Product details

Application Information
The TIP102 family consists of IndustryPack® compatible modules with complete one or two axes high precision motion control interfaces, using incremental encoder with RS422 or TTL signal level for position feedback. The transition module TIP102-TM-xx is required for the signal conditioning and optional galvanically isolation of the various input and output signals.
The position feedback is provided by an incremental encoder interface and a 24 bit up/down counter. The level of the encoder signals can be TTL or RS422. Optionally, the encoder signals can be isolated on the transition module by high speed optocouplers. The encoder signals pass a digital filter for noise suppression before they are fed into the counter and the reference logic. The counter is programmable for single, double and quadruples analysis of the two encoder phase signals.
Calibration of the position feedback to an absolute reference point is done by programmable reference logic. Several modes of operation and hardware configurations for the reference switch and the encoder zero pulse are selectable. During normal operation the automatic recalibration of the measurement system is practicable with the “Auto-Reference” mode, whenever the system passes the reference location.
Two isolated 24V DC digital inputs have limit switch functionality. Each of these inputs drives a floating optocoupler output as hardware feedback. These outputs can be used to disable the power on the motor power amplifier, dependent on the actual direction. One additional isolated 24V digital input is for free use by the software, for example as emergency stop input. A floating optical output can be controlled by software, for example as enable signal for the motor power amplifier.
A 16 bit digital to analog converter (DAC) produces a +/-10V controller output signal which can be used as speed or torque source for the power amplifier of the motor drive system. A galvanically isolation of this signal with the help of an isolation amplifier will be supplied as a transition module option.
A 12 bit analog to digital converter (ADC) with a configurable input voltage range is also available.
For First-Time-Buyers the Engineering Documentation TIP102-ED is recommended. The Engineering Documentation includes TIP102-DOC, schematics and data sheets of TIP102 and TIP102-TM.
Driver support (TIP102-SW-xx) is available for different operating systems.




Similar Part No. - TIP102

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP102 MOSPEC-TIP102 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Motorola, Inc
TIP102 MOTOROLA-TIP102 Datasheet
218Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP102 ONSEMI-TIP102 Datasheet
218Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
logo
Power Innovations Ltd
TIP102 POINN-TIP102 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP102 STMICROELECTRONICS-TIP102 Datasheet
35Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
More results


Similar Description - TIP102

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com