Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIP102 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TIP102
Description  Motion Controller using Incremental Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP102 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TIP102 Datasheet HTML 1Page - TEWS Technologies GmbH TIP102 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice. All
trademarks mentioned are property of their respective owners.
12/2008
TEWS TECHNOLOGIES GmbH
TEWS TECHNOLOGIES LLC
Am Bahnhof 7
25469 Halstenbek, Germany
www.tews.com
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
9190 Double Diamond Parkway,
Suite 127, Reno, NV 89521, USA
www.tews.com
Phone: +1 (775) 850 5830
Fax: +1 (775) 201 0347
e-mail: usasales@tews.com
Block diagram TIP 102
Block diagram TIP102-TM-xx
Order Information
TIP102-10
One Axis Incremental Motion Controller
TIP102-10R
RoHS compliant version of TIP102-10
TIP102-11
As TIP102-10 but includes run-time-
license for TIP102-SW-x2
TIP102-11R
RoHS compliant version of TIP102-11
TIP102-20
Two Axes Incremental Motion Controller
TIP102-20R
RoHS compliant version of TIP102-20
TIP102-21
As TIP102-20 but includes run-time-
license for TIP102-SW-x2
TIP102-21R
RoHS compliant version of TIP102-21
TIP102-TM-10
Transition Module for TIP102-1x,
provides isolation of all 24V digital I/O
signals
TIP102-TM-11
As TIP102-TM-10 but add. isolation of
encoder
TIP102-TM-12
As TIP102-TM-10 but add. isolation of
encoder and analog output
TIP102-TM-13
As TIP102-TM-10 but add. isolation of
encoder and analog input and output
TIP102-TM-20
Transition Module for TIP102-2x,
provides isolation of all 24V digital I/O
signals
TIP102-TM-21
As TIP102-TM-20 but add. isolation of
encoder
TIP102-TM-22
As TIP102-TM-20 but add. isolation of
encoder and analog output
TIP102-TM-23
As TIP102-TM-20 but add. isolation of
encoder and analog input and output
TIP102-DOC
User
Manual (TIP102 and TIP102-TM)
TIP102-ED
Engineering Documentation, includes
TIP102-DOC
TIP102-SW-42
VxWorks Software Support
TIP102-SW-65
Windows XP/XPE/2000 Software
Support
TIP102-SW-72
LynxOS Software Support
TIP102-SW-82
LiNUX Software Support
TIP102-SW-95
QNX 6 Software Support
For other operating systems please contact TEWS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com