Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

3036408 Datasheet (PDF) - PHOENIX CONTACT

3036408 Datasheet PDF - PHOENIX CONTACT
Part # 3036408
Download  3036408 Download
File Size   244.62 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5 BU - Feed-through terminal block

3036408 Datasheet (PDF)

Go To PDF Page Download Datasheet
3036408 Datasheet PDF - PHOENIX CONTACT

Part # 3036408
Download  3036408 Click to download

File Size   244.62 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description STS 2,5 BU - Feed-through terminal block

3036408 Datasheet (HTML) - PHOENIX CONTACT


3036408 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 2, connection method: Spring-cage connection, 1 level, Rated cross section: 2.5
mm2, cross section: 0.08 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: blue




Similar Part No. - 3036408

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036411 PHOENIX-3036411 Datasheet
169Kb / 5P
STS 2,5-PE
3036424 PHOENIX-3036424 Datasheet
170Kb / 6P
STS 4
logo
Wurth Elektronik GmbH &...
3036436199 WURTH-3036436199 Datasheet
298Kb / 3P
WE-LT Conductive Shielding Gasket
001.000
logo
PHOENIX CONTACT
3036437 PHOENIX-3036437 Datasheet
254Kb / 9P
STS 4 BU - Feed-through terminal block
3036440 PHOENIX-3036440 Datasheet
259Kb / 9P
STS 4-PE - Spring cage ground terminal block
More results


Similar Description - 3036408

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036589 PHOENIX-3036589 Datasheet
115Kb / 12P
Feed-through terminal block - STS 4-TWIN/L BU
3037517 PHOENIX-3037517 Datasheet
150Kb / 18P
Feed-through terminal block - STS 2,5-TWIN RD
3037562 PHOENIX-3037562 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO RD
3037575 PHOENIX-3037575 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO OG
3206513 PHOENIX-3206513 Datasheet
171Kb / 17P
Feed-through terminal block - QTCS 2,5 BU
3206542 PHOENIX-3206542 Datasheet
553Kb / 23P
Feed-through terminal block - QTCU 2,5 BU
3211812 PHOENIX-3211812 Datasheet
602Kb / 30P
Feed-through terminal block - PTS 2,5 BU
3209520 PHOENIX-3209520 Datasheet
559Kb / 29P
Feed-through terminal block - PTU 2,5 BU
3037504 PHOENIX-3037504 Datasheet
234Kb / 21P
Feed-through terminal block - STS 2,5-TWIN OG
09/12/2020
3038163 PHOENIX-3038163 Datasheet
213Kb / 19P
Feed-through terminal block - STS 6-TWIN BU
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com