Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL71043MBZ Datasheet (PDF) - Renesas Technology Corp

ISL71043MBZ Datasheet PDF - Renesas Technology Corp
Part # ISL71043MBZ
Download  ISL71043MBZ Download
File Size   1530.55 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Single-Ended Current Mode PWM Controllers

ISL71043MBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71043MBZ Datasheet PDF - Renesas Technology Corp

Part # ISL71043MBZ
Download  ISL71043MBZ Click to download

File Size   1530.55 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Tolerant Single-Ended Current Mode PWM Controllers

ISL71043MBZ Datasheet (HTML) - Renesas Technology Corp


ISL71043MBZ Product details

Features
▪ 1A MOSFET gate driver
▪ 90μA typical start-up current, 125μA maximum
▪ 35ns propagation delay current sense to output
▪ Fast transient response with Peak Current mode
control
▪ 9V to 13.2V operation
▪ Adjustable switching frequency to 1MHz
▪ 35ns rise time and 29ns fall time with 1nF output
load
▪ Trimmed timing capacitor discharge current for
accurate dead time/maximum duty cycle control
▪ 1.5MHz bandwidth error amplifier
▪ Tight tolerance voltage reference over line, load,
and temperature
▪ ±3% current limit threshold
▪ Ni/Pd/Au-Ag lead finish (Sn-free, Pb-free)
▪ TID Radiation Lot Acceptance Testing
(LDR: ≤10mrad(Si)/s)
• ISL71041M30RTZ: 30krad(Si)
• ISL71041M50RTZ: 50krad(Si)
▪ SEE Characterization
• No DSEE for VDD = 14.7V and 43MeV•cm2/mg
• SET only lasted one PWM pulse




Similar Part No. - ISL71043MBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
ISL71043MEVAL1Z RENESAS-ISL71043MEVAL1Z Datasheet
564Kb / 13P
100V, 60A Enhancement Mode GaN Power Transistor
May 4, 2022
ISL71043MEVAL1Z RENESAS-ISL71043MEVAL1Z Datasheet
768Kb / 24P
Radiation Tolerant Low-Side GaN FET Driver
Dec 15, 2022
ISL71043MEVAL1Z RENESAS-ISL71043MEVAL1Z Datasheet
527Kb / 14P
100V, 60A Enhancement Mode GaN Power Transistor
Mar 28, 2024
ISL71043MEVAL1Z RENESAS-ISL71043MEVAL1Z Datasheet
788Kb / 23P
Radiation Tolerant Low-Side GaN FET Driver
Oct 3, 2024
More results


Similar Description - ISL71043MBZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
CURRENT-MODE PWM CONTROLLERS
logo
Maxim Integrated Produc...
MAX5094A MAXIM-MAX5094A Datasheet
296Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
MAX5070 MAXIM-MAX5070 Datasheet
365Kb / 22P
High-Performance, Single-Ended, Current-Mode PWM Controllers
Rev 3; 10/06
logo
Intersil Corporation
ISL78840ASRH INTERSIL-ISL78840ASRH Datasheet
653Kb / 11P
Radiation Hardened, High Performance IndustryStandard Single-Ended Current Mode PWM Controller
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Texas Instruments
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
Current-Mode PWM Controllers
logo
Renesas Technology Corp
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
Flexible Single Ended Current Mode PWM Controllers
logo
Texas Instruments
TPS7H5005-SEP TI-TPS7H5005-SEP Datasheet
4Mb / 71P
TPS7H500x-SEP Radiation-Tolerant 2-MHz Current Mode PWM Controllers in Space Enhanced Plastic
TPS7H5005-SEP TI-TPS7H5005-SEP_V01 Datasheet
4Mb / 74P
TPS7H500x-SEP Radiation-Tolerant 2-MHz Current Mode PWM Controllers in Space Enhanced Plastic
REVISED SEPTEMBER 2022
logo
Renesas Technology Corp
ISL71043M RENESAS-ISL71043M Datasheet
1Mb / 27P
Radiation Tolerant Single-Ended Current Mode PWM Controllers
Feb 23, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com