Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AAT3238 Datasheet (PDF) - Advanced Analogic Technologies

AAT3238 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3238
Download  AAT3238 Download
File Size   322.74 Kbytes
Page   14 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA MicroPower??High Performance LDO Linear Regulator

AAT3238 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3238 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3238
Download  AAT3238 Click to download

File Size   322.74 Kbytes
Page   14 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description 300mA MicroPower??High Performance LDO Linear Regulator

AAT3238 Datasheet (HTML) - Advanced Analogic Technologies


AAT3238 Product details

General Description
The AAT3238 MicroPower low dropout (LDO) linear regulator is ideally suited for portable applications where very fast transient response, extended battery life, and small size are critical. The AAT3238 has been specifically designed for high-speed turn-on and turn-off performance, fast transient response, good power supply ripple rejection (PSRR), and is reasonably low noise, making it ideal for powering sensitive circuits with fast switching requirements.

Features
• Low Dropout: 400mV at 300mA
• Guaranteed 300mA Output
• High Accuracy: ±1.5%
• 70µA Quiescent Current
• Fast Line and Load Transient Response
• High-Speed Device Turn-On and Shutdown
• High Power Supply Ripple Rejection
• Low Self Noise
• Short-Circuit Protection
• Over-Temperature Protection
• Uses Low Equivalent Series Resistance (ESR) Ceramic Capacitors
• Noise Reduction Bypass Capacitor
• Shutdown Mode for Longer Battery Life
• Low Temperature Coefficient
• Factory-Programmed Output Voltages
• SOT23 6-Pin or SC70JW 8-Pin Package

Applications
• Cellular Phones
• Digital Cameras
• Notebook Computers
• Personal Portable Electronics
• Portable Communication Devices




Similar Part No. - AAT3238

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
1Mb / 13P
300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3238 SKYWORKS-AAT3238 Datasheet
1Mb / 12P
300mA MicroPowerTM High Performance LDO Linear Regulator
August 9, 2012
logo
Advanced Analogic Techn...
AAT3238IGU-1.2-T1 ANALOGICTECH-AAT3238IGU-1.2-T1 Datasheet
1Mb / 13P
300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Skyworks Solutions Inc.
AAT3238IGU-1.2-T1 SKYWORKS-AAT3238IGU-1.2-T1 Datasheet
1Mb / 12P
300mA MicroPowerTM High Performance LDO Linear Regulator
August 9, 2012
logo
Advanced Analogic Techn...
AAT3238IGU-1.5-T1 ANALOGICTECH-AAT3238IGU-1.5-T1 Datasheet
1Mb / 13P
300mA MicroPowerTM High Performance LDO Linear Regulator
More results


Similar Description - AAT3238

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
300mA LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238_08 Datasheet
1Mb / 13P
300mA MicroPowerTM High Performance LDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025 Datasheet
166Kb / 12P
300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM175415 UNIONSEMI-UM175415 Datasheet
271Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM165415 UNIONSEMI-UM165415 Datasheet
253Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM36550S UNIONSEMI-UM36550S Datasheet
379Kb / 10P
300mA, Micropower, VLDO Linear Regulator
logo
Linear Technology
LTC3025 LINER-LTC3025_15 Datasheet
183Kb / 12P
300mA Micropower VLDO Linear Regulator
logo
Union Semiconductor, In...
UM16528 UNIONSEMI-UM16528_16 Datasheet
236Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM17528 UNIONSEMI-UM17528_16 Datasheet
242Kb / 7P
300mA, Micropower, VLDO Linear Regulator
UM36512S UNIONSEMI-UM36512S_14 Datasheet
288Kb / 10P
300mA, Micropower, VLDO Linear Regulator
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com